Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF05CA-RGB3-P Datasheet(PDF) 3 Page - OSRAM GmbH

No. de pieza LF05CA-RGB3-P
Descripción Electrónicos  LINEARlight Colormix Flex Protect
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05CA-RGB3-P Datasheet(HTML) 3 Page - OSRAM GmbH

  LF05CA-RGB3-P Datasheet HTML 1Page - OSRAM GmbH LF05CA-RGB3-P Datasheet HTML 2Page - OSRAM GmbH LF05CA-RGB3-P Datasheet HTML 3Page - OSRAM GmbH LF05CA-RGB3-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Colormix Flex® Protect – LF05CA-P / LF05CE-P
TECHNICAL DATASHEET
3/4
Safety information
The module has to be protected from mechanical loads
Assembly must not damage or destroy conducting paths on the circuit board.
Installation of LED modules (with power supplies) needs to be made with regard to all applicable and safety standards. Only qualified
personnel should be allowed to perform installations.
Observe correct polarity!
Depending on the product incorrect polarity will lead to emission of no light. The module can be damaged after a few seconds. To prevent
this, correct polarity immediately! (see "reverse voltage", page 2)
Parallel connection is highly recommended as safe electrical operation mode.
Serial connection is not recommended. Unbalanced voltage drop can cause hazardous overload and damage the LED module.
ESD protection methods have to be observed when cutting and connecting the module. on ESD handling in the application note ESD
protection for LED modules.
The LED Module must not be operated under water
Please ensure that the power supply is of adequate power to operate the total load.
In order to drive OSRAM LED-Modules safely, it is absolutely necessary to operate them with an electronically stabilized SELV
power supply protecting against short circuits, overload and overheating.
To also ease the luminaire/installation approval, electronic control gear for LED or LED modules should carry the CE mark and be ENEC
certified. In Europe the declarations of conformity must include the following standards:
CE: EC 61347-2-13, EN 55015, IEC 61547 and IEC 61000-3-2 - ENEC: 61347-2-13 and IEC/EN 62384.
Also check for the mark of an independent authorized certification institute.
Please see the relevant brochure for more detailed information (see "Related and Further Information")
OSRAM OPTOTRONIC® control gear complies to all relevant standards and guarantees safe operation.
Assembly Information
The smallest electrical unit (SEU) (100mm / 150mm- 5 LEDs) can be removed by cutting at the printed marks at the side.
After cutting connect the module via CONNECTsystem PROT. Insert module into connector and apply pressure on a hard surface until
locked.
The mounting of the single LED coupons is facilitated by means of the double-sided adhesive on the back surface of the module. Care
must be taken to provide a clean and dry mounting surface, free of oils or silicone coatings as well as dirt particle. The mounting substrate
must have sufficient structural integrity. Take care to completely remove the adhesive backing. Once the module is appropriately
positioned, press on the module with about 20N/cm² (refer to application techniques of Tesa adhesive transfer tapes).
To support adhesion at higher temperatures, use additional mounting brackets if temperature exceeds Tc = 40°C.
The minimum bending radius is 5 cm.
When installing in environments with large variations in temperature (e.g. outdoor applications) and operating length of more than 2 m, the
use of adequate mounting surfaces is necessary . Otherwise it is advisable to use an additional thicker adhesive tape to absorb the stress
of any mismatch in expansion.
If temperature exceeds Tc = 40°C, additional mounting brackets are needed.
Pay attention to avoid highly corrosive atmospheres, e.g. permanent high humidity or Hydrogen Sulfide (H2S).
With current LED technology, H2S is causing accelerated corrosion which will lead to shortened timelife or premature failure.
Sources for H2S may be rubber, foamed rubber, soft-foam-tapes, sealings on rubber basis, natural sources (e.g. sulfur springs), etc.
To avoid H2S from sulfur-vulcanized rubber it is necessary to switch to silicon based materials or rubber that is Peroxid-crosslinked.
Indication may be found in the material datasheet of the rubber supplier.
Complementary systems and accessories
Accessories
Type
Product
EAN
Shipping units
CONNECTsystem PROTECT
Endcap for module
LF-ENDCAP PROTECT
4008321977106
10
4pin Feeder
LF-4PIN PROTECT
4008321977076
5
4pin Jumper
LF-4CONN PROTECT
4008321977090
5
SLIM TRACK System
SLIM TRACK
LF-LTS-2100 SLIM TRACK
4008321978981
40
Mounting Bracket for SLIM TRACK
LF-LTS-MB
4008321979025
35 / 280
SLIM TRACK Cover, very low, clear
LF-LTS COVER C
4008321790187
40
SLIM TRACK Cover, hight, diffuse
LF-LTS-COVER-DIFFUSE
4008321979001
40
Silicone Endcap for LF-LTS-COVER-DIFFUSE
LF-LTS-ENDCAP
4008321979049
20 / 160


Número de pieza similar - LF05CA-RGB3-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-B3 OSRAM-LF05A-B3 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-827 OSRAM-LF05A-W3F-827 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-830 OSRAM-LF05A-W3F-830 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-840 OSRAM-LF05A-W3F-840 Datasheet
109Kb / 4P
   LINEARlight Flex
More results

Descripción similar - LF05CA-RGB3-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LR18CP OSRAM-LR18CP Datasheet
149Kb / 4P
   LINEARlight Colormix Power
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
   LINEARlight Flex Protect ADVANCED
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
GTL-OS-70080 GILWAY-GTL-OS-70080 Datasheet
561Kb / 4P
   Product Information Bulletin LINEARlight Colormix LED Module
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com