Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54AC244-N Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza 54AC244-N
Descripción Electrónicos  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54AC244-N Datasheet(HTML) 6 Page - Texas Instruments

  54AC244-N Datasheet HTML 1Page - Texas Instruments 54AC244-N Datasheet HTML 2Page - Texas Instruments 54AC244-N Datasheet HTML 3Page - Texas Instruments 54AC244-N Datasheet HTML 4Page - Texas Instruments 54AC244-N Datasheet HTML 5Page - Texas Instruments 54AC244-N Datasheet HTML 6Page - Texas Instruments 54AC244-N Datasheet HTML 7Page - Texas Instruments 54AC244-N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
OBSOLETE
54AC244-N, 54ACT244-N
SNOS098C – AUGUST 1998 – REVISED APRIL 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS
54AC
VCC
TA = −55°C
Fig.
Symbol
Parameter
(V)(1)
to +125°C
Units
No.
CL = 50 pF
Min
Max
tPLH
Propagation Delay
3.3
1.0
12.5
ns
Data to Output
5.0
1.0
9.5
tPHL
Propagation Delay
3.3
1.0
12.0
ns
Data to Output
5.0
1.0
9.0
tPZH
Output Enable Time
3.3
1.0
11.5
ns
5.0
1.0
9.0
tPZL
Output Enable Time
3.3
1.0
13.0
ns
5.0
1.0
10.5
tPHZ
Output Disable Time
3.3
1.0
12.5
ns
5.0
1.0
10.5
tPLZ
Output Disable Time
3.3
1.0
13.0
ns
5.0
1.0
11.0
(1)
Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V.
AC ELECTRICAL CHARACTERISTICS
54ACT
VCC
TA = −55°C
Fig.
Symbol
Parameter
(V)(1)
to +125°C
Units
No.
CL = 50 pF
Min
Max
tPLH
Propagation Delay
5.0
1.0
10.0
ns
Data to Output
tPHL
Propagation Delay
5.0
1.0
10.0
ns
Data to Output
tPZH
Output Enable Time
5.0
1.0
9.5
ns
tPZL
Output Enable Time
5.0
1.0
11.0
ns
tPHZ
Output Disable Time
5.0
1.0
11.0
ns
tPLZ
Output Disable Time
5.0
1.0
11.5
ns
(1)
Voltage Range 5.0 is 5.0V ±0.5V
CAPACITANCE
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
45.0
pF
VCC = 5.0V
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54AC244-N 54ACT244-N


Número de pieza similar - 54AC244-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54AC244-N TI1-54AC244-N Datasheet
275Kb / 10P
[Old version datasheet]   54AC244/54ACT244 Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Descripción similar - 54AC244-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com