Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74LS257B Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza DM74LS257B
Descripción Electrónicos  TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DM74LS257B Datasheet(HTML) 4 Page - Texas Instruments

  DM74LS257B Datasheet HTML 1Page - Texas Instruments DM74LS257B Datasheet HTML 2Page - Texas Instruments DM74LS257B Datasheet HTML 3Page - Texas Instruments DM74LS257B Datasheet HTML 4Page - Texas Instruments DM74LS257B Datasheet HTML 5Page - Texas Instruments DM74LS257B Datasheet HTML 6Page - Texas Instruments DM74LS257B Datasheet HTML 7Page - Texas Instruments DM74LS257B Datasheet HTML 8Page - Texas Instruments DM74LS257B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
’LS257B Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 667X
Symbol
Parameter
To (Output)
CL e 45 pF
CL e 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to
18
27
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Data to
18
27
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Select to
28
35
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Select to
35
42
ns
High to Low Level Output
Output
tPZH
Output Enable Time
Output
15
27
ns
to High Level Output
Control to Y
tPZL
Output Enable Time
Output
28
38
ns
to Low Level Output
Control to Y
tPHZ
Output Disable Time from
Output
26
ns
High Level Output (Note 1)
Control to Y
tPLZ
Output Disable Time from
Output
25
ns
Low Level Output (Note 1)
Control to Y
Note 1
CL e 5 pF
Recommended Operating Conditions
Symbol
Parameter
DM54LS258B
DM74LS258B
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
1
b
26
mA
IOL
Low Level Output Current
12
24
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
’LS258B Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
24
34
V
Voltage
VIL e Max VIH e Min
DM74
24
31
VOL
Low Level Output
VCC e Min IOL e Max
DM54
025
04
Voltage
VIL e Max VIH e Min
DM74
035
05
V
IOL e 12 mA VCC e Min
DM74
025
04
II
Input Current
Max
VCC e Max
Select
02
mA
Input Voltage
VI e 7V
Other
01
IIH
High Level Input
VCC e Max
Select
40
m
A
Current
VI e 27V
Other
20
3


Número de pieza similar - DM74LS257B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM74LS257BM NSC-DM74LS257BM Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS257BM FAIRCHILD-DM74LS257BM Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM74LS257BN NSC-DM74LS257BN Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS257BN FAIRCHILD-DM74LS257BN Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
More results

Descripción similar - DM74LS257B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
System Logic Semiconduc...
SL74HC158 SLS-SL74HC158 Datasheet
64Kb / 5P
   Quad 2-Input Data Selectors/Multiplexers
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com