Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1900 Datasheet(PDF) 2 Page - Rohm

No. de pieza 2SA1900
Descripción Electrónicos  Medium Power Transistor (-50V, -1A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SA1900 Datasheet(HTML) 2 Page - Rohm

  2SA1900 Datasheet HTML 1Page - Rohm 2SA1900 Datasheet HTML 2Page - Rohm 2SA1900 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1900
Transistors
Rev.A
2/2
Electric characteristics curves
Ta=25
°C
Fig.1 Grounded emitter output characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
−1
−2
−3
−4
−5
0
−0.8
−1.0
−0.6
−0.4
−0.2
0
−10mA
−9mA
−8mA
−7mA
−6mA
−5mA
−4mA
−3mA
IB=
−1mA
−2mA
Fig.2 DC current gain
vs. collector current
COLLECTOR CURRENT : IC (A)
−0.01
−0.1
−0.001
−1 −2
10
20
50
100
200
500
1000
5
1
2
VCE=
−3V
Ta=25
°C
Fig.3 Collector-emitter saturation voltage
vs.collector current
COLLECTOR CURRENT : IC (A)
−100m
−1m
−10m
−1 −2
−10
−20
−50
−100
−200
−500
−1000
−5
−1
−2
Ta=25
°C
IC/IB=10
1000
1
0.1
0.2
0.5
10m 20m
50m
1m 2m
5m
100
200
500
10
20
50
1
2
5
EMITTER CURRENT : IE
(A)
Fig.4 Gain bandwith product
vs. emitter current
Ta
=25°C
VCE
=−5V
Ta=25
°C
f=1MHz
IE=0A
Fig.5 Collector output capacitance
vs. collector-base voltage
COLLECTOR TO BASE VOLTAGE : VCB (V)
−0.1
−1
−100
−10
10
20
50
100
200
500
1000
5
1
2
100ms
DC
IC Max. (Pulse∗)
Fig.6 Safe operating area
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
−1
−10
−0.1
−100
−5
−10
−1
−2
−0.1
−0.2
−0.5
−0.05
−0.01
−0.02
Ta=25
°C
Single
nonrepeatitive pulse


Número de pieza similar - 2SA1900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SA1900 KEXIN-2SA1900 Datasheet
50Kb / 1P
   Medium power transistor
logo
Inchange Semiconductor ...
2SA1900 ISC-2SA1900 Datasheet
278Kb / 3P
   isc Silicon PNP Power Transistor
2023-8-17
logo
SEMTECH ELECTRONICS LTD...
2SA1900U SEMTECH_ELEC-2SA1900U Datasheet
253Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
More results

Descripción similar - 2SA1900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SC5053 ROHM-2SC5053 Datasheet
64Kb / 3P
   Medium power transistor (50V, 1A)
2SC5053T100R ROHM-2SC5053T100R Datasheet
84Kb / 3P
   Medium power transistor (50V, 1A)
2SC5053T100Q ROHM-2SC5053T100Q Datasheet
84Kb / 3P
   Medium power transistor (50V, 1A)
2SAR513PFRA ROHM-2SAR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -1A)
2SCR513PFRA ROHM-2SCR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
   Medium Power Transistor (-32V, -1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 1A)
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
   Medium Power Transistor (60V, 1A)
2SA1515S ROHM-2SA1515S_10 Datasheet
149Kb / 4P
   Medium Power Transistor (-32V,-1A)
2SB1132T100P ROHM-2SB1132T100P Datasheet
179Kb / 5P
   Medium Power Transistor (-32V,??1A)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com