Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10DV200CISQ Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza ADC10DV200CISQ
Descripción Electrónicos  Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10DV200CISQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC10DV200CISQ Datasheet HTML 7Page - Texas Instruments ADC10DV200CISQ Datasheet HTML 8Page - Texas Instruments ADC10DV200CISQ Datasheet HTML 9Page - Texas Instruments ADC10DV200CISQ Datasheet HTML 10Page - Texas Instruments ADC10DV200CISQ Datasheet HTML 11Page - Texas Instruments ADC10DV200CISQ Datasheet HTML 12Page - Texas Instruments ADC10DV200CISQ Datasheet HTML 13Page - Texas Instruments ADC10DV200CISQ Datasheet HTML 14Page - Texas Instruments ADC10DV200CISQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC10DV200
www.ti.com
SNAS471A – FEBRUARY 2009 – REVISED APRIL 2013
Timing and AC Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VD = VDR = +1.8V, fCLK = 200
MHz, CLK duty cycle = 50%, DCS = ON, Internal 0.75V Reference. Typical values are for TA = 25°C. Timing measurements
are taken at 50% of the signal amplitude. Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1)
(2)
Typical
Units
Symbol
Parameter
Conditions
Limits
(3)
(Limits)
LVDS OUTPUT MODE
Maximum Clock Frequency
200
MHz (max)
DCS On
65
Minimum Clock Frequency
MHz (min)
DCS Off
45
DCS On
1.5
tCH
Clock High Time
ns (min)
DCS Off
2.4
DCS On
1.5
tCL
Clock Low Time
ns (min)
DCS Off
2.4
5/5.5
tCONV
Conversion Latency
Clock Cycles
(A/B)
tODA
Output Delay of CLK to A-Channel Data
Relative to rising edge of CLK
2.7
1.46
ns (min)
tODB
Output Delay of CLK to B-Channel Data
Relative to falling edge of CLK
2.7
1.46
ns (min)
tSU
Data Output Setup Time
Relative to DRDY
1.2
0.7
ns (min)
tH
Data Output Hold Time
Relative to DRDY
1.2
0.7
ns (min)
tAD
Aperture Delay
0.7
ns
tAJ
Aperture Jitter
0.3
ps rms
tSKEW
Data-Data Skew
20
470
ps
CMOS OUTPUT MODE (4) (5)
Maximum Clock Frequency
170
MHz
DCS On
65
Minimum Clock Frequency
MHz
DCS Off
25
DCS On
1.76
tCH
Clock High Time
ns
DCS Off
2.82
DCS On
1.76
tCL
ns
DCS Off
2.82
tCONV
Conversion Latency
5.5
Clock Cycles
3.15
ns (min)
tOD
Output Delay of CLK to DATA
Relative to falling edge of CLK
4.5
5.81
ns (max)
tSU
Data Output Setup Time(5)
Relative to DRDY
2.5
1.79
ns (min)
tH
Data Output Hold Time(5)
Relative to DRDY
3.4
2.69
ns (min)
tAD
Aperture Delay
0.7
ns
tAJ
Aperture Jitter
0.3
ps rms
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 under the Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes
above VA or below AGND.
(2)
With a full scale differential input of 1.5VP-P , the 10-bit LSB is 1.465mV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
CMOS Specifications are for FCLK = 170 MHz.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC10DV200


Número de pieza similar - ADC10DV200CISQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10DV200CISQ NSC-ADC10DV200CISQ Datasheet
542Kb / 24P
   Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC10DV200CISQE NSC-ADC10DV200CISQE Datasheet
542Kb / 24P
   Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
More results

Descripción similar - ADC10DV200CISQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10DV200 NSC-ADC10DV200 Datasheet
542Kb / 24P
   Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC11DV200 NSC-ADC11DV200 Datasheet
521Kb / 24P
   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
Texas Instruments
ADC11DV200 TI1-ADC11DV200_14 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC11DV200 TI1-ADC11DV200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
logo
National Semiconductor ...
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com