Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC124S051 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADC124S051
Descripción Electrónicos  12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC124S051 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC124S051_15 Datasheet HTML 3Page - Texas Instruments ADC124S051_15 Datasheet HTML 4Page - Texas Instruments ADC124S051_15 Datasheet HTML 5Page - Texas Instruments ADC124S051_15 Datasheet HTML 6Page - Texas Instruments ADC124S051_15 Datasheet HTML 7Page - Texas Instruments ADC124S051_15 Datasheet HTML 8Page - Texas Instruments ADC124S051_15 Datasheet HTML 9Page - Texas Instruments ADC124S051_15 Datasheet HTML 10Page - Texas Instruments ADC124S051_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
tCSU
tCLH
SCLK
CS
SCLK
tCONVERT
tACQ
Z3
Z2
Z1
Z0
DB10
DONT
DONTC ADD2
ADD1
ADD0
DONTC DONTC DONTC
DB11
DB9
DB8
DB1
16
8
7
6
5
4
3
2
1
DB0
DIN
DOUT
SCLK
CS
tEN
tCL
tACC
tDIS
tCH
tH
tSU
IOL
200 PA
IOH
200 PA
1.6V
To Output Pin
CL
35 pF
ADC124S051
www.ti.com
SNAS260E – NOVEMBER 2004 – REVISED NOVEMBER 2004
Figure 2. Timing Test Circuit
Figure 3. ADC124S051 Serial Timing Diagram
Figure 4. SCLK and CS Timing Parameters
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC124S051


Número de pieza similar - ADC124S051_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
More results

Descripción similar - ADC124S051_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
logo
Analog Devices
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com