Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC128S102 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza ADC128S102
Descripción Electrónicos  12-Bit A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102 Datasheet(HTML) 1 Page - Texas Instruments

  ADC128S102_15 Datasheet HTML 1Page - Texas Instruments ADC128S102_15 Datasheet HTML 2Page - Texas Instruments ADC128S102_15 Datasheet HTML 3Page - Texas Instruments ADC128S102_15 Datasheet HTML 4Page - Texas Instruments ADC128S102_15 Datasheet HTML 5Page - Texas Instruments ADC128S102_15 Datasheet HTML 6Page - Texas Instruments ADC128S102_15 Datasheet HTML 7Page - Texas Instruments ADC128S102_15 Datasheet HTML 8Page - Texas Instruments ADC128S102_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SAR
ADC
VA
VD
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
AGND
DGND
4-wire SPI
VIN7
VIN3
VIN0
MCU
VA is used as the Reference
for the ADC
VD can be set independently
of VA
“Digital” Supply Rail
“Analog” Supply Rail
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC128S102
SNAS298G – AUGUST 2005 – REVISED JANUARY 2015
ADC128S102 8-Channel, 500-ksps to 1-Msps, 12-Bit A/D Converter
1 Features
3 Description
The ADC128S102 is a low-power, eight-channel
1
Eight Input Channels
CMOS 12-bit analog-to-digital converter specified for
Variable Power Management
conversion throughput rates of 500 ksps to 1 MSPS.
Independent Analog and Digital Supplies
The
converter
is
based
on
a
successive-
approximation register architecture with an internal
SPI/QSPI™/MICROWIRE™/DSP Compatible
track-and-hold circuit. It can be configured to accept
Packaged in 16-Lead TSSOP
up to eight input signals at inputs IN0 through IN7.
Key Specifications
The output serial data is straight binary and is
Conversion Rate 500 ksps to 1 MSPS
compatible with several standards, such as SPI,
DNL (VA = VD = 5.0 V) +1.5 / −0.9
QSPI, MICROWIRE, and many common DSP serial
interfaces.
LSB (maximum) INL (VA = VD = 5.0 V) ±1.2
LSB (maximum)
The ADC128S102 may be operated with independent
Power Consumption
analog and digital supplies. The analog supply (VA)
can range from +2.7 V to +5.25 V, and the digital
3V Supply 2.3 mW (typical)
supply (VD) can range from +2.7 V to VA. Normal
5V Supply 10.7 mW (typical)
power consumption using a +3-V or +5-V supply is
2.3 mW and 10.7 mW, respectively. The power-down
2 Applications
feature reduces the power consumption to 0.06 µW
using a +3-V supply and 0.25 µW using a +5-V
Automotive Navigation
supply.
Portable Systems
The ADC128S102 is packaged in a 16-lead TSSOP
Medical Instruments
package. Operation over the extended industrial
Mobile Communications
temperature range of
−40°C to +105°C is ensured.
Instrumentation and Control Systems
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC128S102
TSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - ADC128S102_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results

Descripción similar - ADC128S102_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
logo
Analog Devices
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit A/D Converter
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com