Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC14C105 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza ADC14C105
Descripción Electrónicos  95/105 MSPS A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14C105 Datasheet(HTML) 4 Page - Texas Instruments

  ADC14C105_15 Datasheet HTML 1Page - Texas Instruments ADC14C105_15 Datasheet HTML 2Page - Texas Instruments ADC14C105_15 Datasheet HTML 3Page - Texas Instruments ADC14C105_15 Datasheet HTML 4Page - Texas Instruments ADC14C105_15 Datasheet HTML 5Page - Texas Instruments ADC14C105_15 Datasheet HTML 6Page - Texas Instruments ADC14C105_15 Datasheet HTML 7Page - Texas Instruments ADC14C105_15 Datasheet HTML 8Page - Texas Instruments ADC14C105_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AGND
VA
AGND
VA
VA
VA
VA
VA
AGND
AGND
VA
AGND
ADC14C105
SNAS409C – MAY 2007 – REVISED MARCH 2013
www.ti.com
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
5
VIN+
Differential analog input pins. The differential full-scale input signal
level is 2VP-P with each input pin signal centered on a common mode
6
VIN-
voltage, VCM.
2
VRP
32
VCMO
These pins should each be bypassed to AGND with a low ESL
(equivalent series inductance) 0.1 µF capacitor placed very close to
the pin to minimize stray inductance. A 0.1 µF capacitor should be
placed between VRP and VRN as close to the pins as possible, and a
1 µF capacitor should be placed in parallel.
VRP and VRN should not be loaded. VCMO may be loaded to 1mA for
1
VRN
use as a temperature stable 1.5V reference.
It is recommended to use VCMO to provide the common mode
voltage, VCM, for the differential analog inputs, VIN+ and VIN−.
Reference Voltage. This device provides an internally developed
1.2V reference. When using the internal reference, VREF should be
decoupled to AGND with a 0.1 µF and a 1 µF low equivalent series
31
VREF
inductance (ESL) capacitor .
This pin may be driven with an external 1.2V reference voltage.
This pin should not be used to source or sink current.
This is a four-state pin controlling the input clock mode and output
data format.
OF/DCS = VA, output data format is 2's complement without duty
cycle stabilization applied to the input clock
OF/DCS = AGND, output data format is offset binary, without duty
12
OF/DCS
cycle stabilization applied to the input clock.
OF/DCS = (2/3)*VA, output data is 2's complement with duty cycle
stabilization applied to the input clock
OF/DCS = (1/3)*VA, output data is offset binary with duty cycle
stabilization applied to the input clock.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC14C105


Número de pieza similar - ADC14C105_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC14C105 TI1-ADC14C105_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 95/105 MSPS A/D Converter
More results

Descripción similar - ADC14C105_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12C105 TI1-ADC12C105 Datasheet
1Mb / 32P
[Old version datasheet]   95/105 MSPS A/D Converter
logo
National Semiconductor ...
ADC14C105 NSC-ADC14C105_07 Datasheet
453Kb / 24P
   14-Bit, 95/105 MSPS A/D Converter
ADC12C105 NSC-ADC12C105 Datasheet
451Kb / 24P
   12-Bit, 95/105 MSPS A/D Converter
logo
Texas Instruments
ADC14C105 TI1-ADC14C105_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 95/105 MSPS A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_15 Datasheet
1Mb / 26P
[Old version datasheet]   105 MSPS A/D Converter
ADC12DS105 TI1-ADC12DS105 Datasheet
1Mb / 35P
[Old version datasheet]   105 MSPS A/D Converter
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com