Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC14L020 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC14L020
Descripción Electrónicos  150 mW A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14L020 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC14L020 Datasheet HTML 7Page - Texas Instruments ADC14L020 Datasheet HTML 8Page - Texas Instruments ADC14L020 Datasheet HTML 9Page - Texas Instruments ADC14L020 Datasheet HTML 10Page - Texas Instruments ADC14L020 Datasheet HTML 11Page - Texas Instruments ADC14L020 Datasheet HTML 12Page - Texas Instruments ADC14L020 Datasheet HTML 13Page - Texas Instruments ADC14L020 Datasheet HTML 14Page - Texas Instruments ADC14L020 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADC14L020
www.ti.com
SNAS325D – JUNE 2005 – REVISED APRIL 2013
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal to the rms
value of the sum of all other spectral components below one-half the sampling frequency, not including
harmonics or d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of the
input signal to the rms value of all of the other spectral components below half the clock frequency, including
harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the rms values of the
input signal and the peak spurious signal, where a spurious signal is any signal present in the output spectrum
that is not present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB, of the rms total of the first nine harmonic
levels at the output to the level of the fundamental at the output. THD is calculated as
(3)
where f1 is the RMS power of the fundamental (output) frequency and f2 through f10 are the RMS power of the
first 9 harmonic frequencies in the output spectrum.
SECOND HARMONIC DISTORTION (2ND HARM) is the difference expressed in dB, between the RMS power in
the input frequency at the output and the power in its 2nd harmonic level at the output.
THIRD HARMONIC DISTORTION (3RD HARM) is the difference, expressed in dB, between the RMS power in
the input frequency at the output and the power in its 3rd harmonic level at the output.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC14L020


Número de pieza similar - ADC14L020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020 NSC-ADC14L020 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
More results

Descripción similar - ADC14L020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 31P
[Old version datasheet]   354 mW A/D Converter
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com