Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC121S101CIMFX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC121S101CIMFX/NOPB
Descripción Electrónicos  Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S101CIMFX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC121S101CIMFX/NOPB Datasheet HTML 5Page - Texas Instruments ADC121S101CIMFX/NOPB Datasheet HTML 6Page - Texas Instruments ADC121S101CIMFX/NOPB Datasheet HTML 7Page - Texas Instruments ADC121S101CIMFX/NOPB Datasheet HTML 8Page - Texas Instruments ADC121S101CIMFX/NOPB Datasheet HTML 9Page - Texas Instruments ADC121S101CIMFX/NOPB Datasheet HTML 10Page - Texas Instruments ADC121S101CIMFX/NOPB Datasheet HTML 11Page - Texas Instruments ADC121S101CIMFX/NOPB Datasheet HTML 12Page - Texas Instruments ADC121S101CIMFX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
ADC121S101, ADC121S101-Q1
www.ti.com
SNAS304H – JANUARY 2006 – REVISED APRIL 2016
Product Folder Links: ADC121S101 ADC121S101-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
TA = 25°C, fSAMPLE = 500 ksps to 1 Msps, fSCLK = 10 MHz to 20 MHz, and fIN = 100 kHz (unless otherwise noted)
Figure 3. DNL, fSCLK = 10 MHz
Figure 4. INL, fSCLK = 10 MHz
Figure 5. DNL, fSCLK = 20 MHz
Figure 6. INL, fSCLK = 20 MHz
Figure 7. DNL vs Clock Frequency
Figure 8. INL vs Clock Frequency


Número de pieza similar - ADC121S101CIMFX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC121S101CIMFX/NOPB TI-ADC121S101CIMFX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
More results

Descripción similar - ADC121S101CIMFX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com