Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC122S051Q-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC122S051Q-Q1
Descripción Electrónicos  2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S051Q-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC122S051Q-Q1 Datasheet HTML 2Page - Texas Instruments ADC122S051Q-Q1 Datasheet HTML 3Page - Texas Instruments ADC122S051Q-Q1 Datasheet HTML 4Page - Texas Instruments ADC122S051Q-Q1 Datasheet HTML 5Page - Texas Instruments ADC122S051Q-Q1 Datasheet HTML 6Page - Texas Instruments ADC122S051Q-Q1 Datasheet HTML 7Page - Texas Instruments ADC122S051Q-Q1 Datasheet HTML 8Page - Texas Instruments ADC122S051Q-Q1 Datasheet HTML 9Page - Texas Instruments ADC122S051Q-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
Track
Hold
Power Up
Track
Hold
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
9
10
DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB11 DB10
DB9
DB8
DB7
DIN
DOUT
Power Up
SCLK
CS
Power Down
Control register
Control register
ADC122S051
SNAS257E – NOVEMBER 2004 – REVISED MARCH 2013
www.ti.com
ADC122S051/ADC122S051Q Timing Specifications
(1)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE = 200 ksps to 500
ksps, CL = 35 pF, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
VA = +3.0V
−3.5
tCSU
Setup Time SCLK High to CS Falling Edge
See (3)
10
ns (min)
VA = +5.0V
−0.5
VA = +3.0V
+4.5
tCLH
Hold time SCLK Low to CS Falling Edge
See (3)
10
ns (min)
VA = +5.0V
+1.5
VA = +3.0V
+4
tEN
Delay from CS Until DOUT active
30
ns (max)
VA = +5.0V
+2
VA = +3.0V
+14.5
tACC
Data Access Time after SCLK Falling Edge
30
ns (max)
VA = +5.0V
+13
tSU
Data Setup Time Prior to SCLK Rising Edge
+3
10
ns (min)
tH
Data Valid SCLK Hold Time
+3
10
ns (min)
0.3 x
tCH
SCLK High Pulse Width
0.5 x tSCLK
ns (min)
tSCLK
0.3 x
tCL
SCLK Low Pulse Width
0.5 x tSCLK
ns (min)
tSCLK
VA = +3.0V
1.8
Output Falling
VA = +5.0V
1.3
tDIS
CS Rising Edge to DOUT High-Impedance
20
ns (max)
VA = +3.0V
1.0
Output Rising
VA = +5.0V
1.0
(1)
PPAP (Production Part Approval Process) documentation of the device technology, process and qualification is available from Texas
Instruments upon request.
(2)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(3)
Clock may be either high or low when CS is asserted as long as setup and hold times tCSU and tCLH are strictly observed.
Timing Diagrams
Figure 1. Operational Timing Diagram
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S051


Número de pieza similar - ADC122S051Q-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC122S051QIMMNOPB TI1-ADC122S051QIMMNOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC122S051QIMMXNOPB TI1-ADC122S051QIMMXNOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results

Descripción similar - ADC122S051Q-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com