Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10662 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADC10662
Descripción Electrónicos  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10662 Datasheet(HTML) 3 Page - Texas Instruments

  ADC10662_15 Datasheet HTML 1Page - Texas Instruments ADC10662_15 Datasheet HTML 2Page - Texas Instruments ADC10662_15 Datasheet HTML 3Page - Texas Instruments ADC10662_15 Datasheet HTML 4Page - Texas Instruments ADC10662_15 Datasheet HTML 5Page - Texas Instruments ADC10662_15 Datasheet HTML 6Page - Texas Instruments ADC10662_15 Datasheet HTML 7Page - Texas Instruments ADC10662_15 Datasheet HTML 8Page - Texas Instruments ADC10662_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ADC10662, ADC10664
www.ti.com
SNAS076E – JUNE 1999 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (V+ = AVCC = DVCC)
−0.3V to +6V
Voltage at Any Input or Output
−0.3V to V+ + 0.3V
Input Current at Any Pin(4)
5 mA
Package Input Current(4)
20 mA
Power Dissipation(5)
875 mW
ESD Susceptibility(6)
2000V
N Package (10 Sec)
260°C
Soldering Information
Vapor Phase (60 Sec)
215°C
SOIC Package
Infrared (15 Sec)
220°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. These ratings do not ensure specific performance limits, however. For ensured specifications and test
conditions, see the Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < GND or VIN > V
+) the absolute value of current at that pin
should be limited to 5 mA or less. The 20 mA package input current limits the number of pins that can safely exceed the power supplies
with an input current of 5 mA to four.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/θJA or the number given in the Absolute
Maximum Ratings, whichever is lower. In most cases, the maximum derated power dissipation will be reached only during fault
conditions. For these devices, TJMAX for a board-mounted device can be found in Package Thermal Resistance.
(6)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
Temperature Range
TMIN ≤ TA ≤ TMAX = −40°C ≤ TA ≤ +85°C
Supply Voltage Range
+4.5V to +5.5V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. These ratings do not ensure specific performance limits, however. For ensured specifications and test
conditions, see the Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
Package Thermal Resistance
Device
θJA (°C/W)
ADC10662CIWM
82
ADC10664CIWM
78
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC10662 ADC10664


Número de pieza similar - ADC10662_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Descripción similar - ADC10662_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com