Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS5411IPGPR Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ADS5411IPGPR Datasheet(HTML) 10 Page - Texas Instruments |
10 / 25 page ADS5411 SLAS487A − SEPTEMBER 2005 − REVISED JANUANRY 2010 www.ti.com 10 TYPICAL CHARACTERISTICS Typical values are at TA = 25°C, AVDD = 5 V, DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 105 MSPS, 3 VPP sinusoidal clock, 50% duty cycle, 8k FFT points, unless otherwise noted −120 −100 −80 −60 −40 −20 0 f − Frequency − MHz SPECTRAL PERFORMANCE fS = 105 MSPS fIN = 30 MHz SNR = 66.5 dBc SINAD = 66.5 dBc SFDR = 92 dBc THD = 89 dBc 1 2 3 5 6 X 4 10 030 20 40 50 Figure 8. Figure 9. −120 −100 −80 −60 −40 −20 0 f − Frequency − MHz SPECTRAL PERFORMANCE fS = 105 MSPS fIN = 70 MHz SNR = 66.2 dBc SINAD = 66.1 dBc SFDR = 91 dBc THD = 88 dBc 1 2 3 5 6 X 4 10 030 20 40 50 −120 −100 −80 −60 −40 −20 0 0 10203040 f − Frequency − MHz SPECTRAL PERFORMANCE fS = 92.16 MSPS fIN = 170 MHz SNR = 65.5 dBc SINAD = 65.3 dBc SFDR = 80 dBc THD = 78 dBc 1 2 3 5 6 X 4 Figure 10. Figure 11. AIN − Input Amplitude − dB −20 0 20 40 60 80 100 −70 −60 −50 −40 −30 −20 −10 0 fS = 105 MSPS fIN = 170 MHz AC PERFORMANCE vs INPUT AMPLITUDE SNR (dBFS) SNR (dBc) SFDR (dBc) SFDR (dBFS) Figure 12. Figure 13. fS − Sampling Frequency − MSPS 1.81 1.82 1.83 1.84 1.85 1.86 1.87 1.88 1.89 1.90 0 20 40 60 80 100 120 140 TOTAL POWER vs SAMPLING FREQUENCY −10 −8 −6 −4 −2 0 2 fIN − Input Frequency − MHz INPUT BANDWIDTH 1 10 100 1k |
Número de pieza similar - ADS5411IPGPR |
|
Descripción similar - ADS5411IPGPR |