Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5423IPGPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5423IPGPR
Descripción Electrónicos  14 Bit, 80 MSPS Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5423IPGPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS5423IPGPR Datasheet HTML 1Page - Texas Instruments ADS5423IPGPR Datasheet HTML 2Page - Texas Instruments ADS5423IPGPR Datasheet HTML 3Page - Texas Instruments ADS5423IPGPR Datasheet HTML 4Page - Texas Instruments ADS5423IPGPR Datasheet HTML 5Page - Texas Instruments ADS5423IPGPR Datasheet HTML 6Page - Texas Instruments ADS5423IPGPR Datasheet HTML 7Page - Texas Instruments ADS5423IPGPR Datasheet HTML 8Page - Texas Instruments ADS5423IPGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SLWS160A − FEBRUARY 2005 − REVIISED JANUARY 2010
14 Bit, 80 MSPS
Analog-to-Digital Converter
ADS5423
FEATURES
D 14 Bit Resolution
D 80 MSPS Maximum Sample Rate
D SNR = 74 dBc at 80 MSPS and 50 MHz IF
D SFDR = 94 dBc at 80 MSPS and 50 MHz IF
D 2.2 V
pp Differential Input Range
D 5 V Supply Operation
D 3.3 V CMOS Compatible Outputs
D 1.85 W Total Power Dissipation
D 2s Complement Output Format
D On-Chip Input Analog Buffer, Track and Hold,
and Reference Circuit
D 52 Pin HTQFP Package With Exposed
Heatsink
D Pin Compatible to the AD6644/45
D Industrial Temperature Range = −405C to 855C
APPLICATIONS
D Single and Multichannel Digital Receivers
D Base Station Infrastructure
D Instrumentation
D Video and Imaging
RELATED DEVICES
D Clocking: CDC7005
D Amplifiers: OPA695, THS4509
DESCRIPTION
The ADS5423 is a 14 bit 80 MSPS analog-to-digital converter (ADC) that operates from a 5 V supply, while providing 3.3 V
CMOS compatible digital outputs. The ADS5423 input buffer isolates the internal switching of the on-chip Track and Hold
(T&H) from disturbing the signal source. An internal reference generator is also provided to further simplify the system
design. The ADS5423 has outstanding low noise and linearity, over input frequency. With only a 2.2 VPP input range,
simplifies the design of multicarrier applications, where the carriers are selected on the digital domain.
The ADS5423 is available in a 52 pin HTQFP with heatsink package and is pin compatible to the AD6645. The ADS5423
is built on state of the art Texas Instruments complementary bipolar process (BiCom3) and is specified over full industrial
temperature range (−40
°C to 85°C).
FUNCTIONAL BLOCK DIAGRAM
Reference
Timing
CLK+
OVR
D[13:0]
CLK−
6
DMID
DRY
VREF
AIN
AIN
TH1
5
5
Σ
DAC2
ADC2
ADC3
Σ
DAC1
ADC1
A3
A1
TH2
TH3
C1
C2
AVDD
DRVDD
GND
Digital Error Correction
A2
+
+
PowerPad is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
www.ti.com
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Número de pieza similar - ADS5423IPGPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5423IPJY TI-ADS5423IPJY Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423IPJYG4 TI-ADS5423IPJYG4 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423IPJYR TI-ADS5423IPJYR Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423IPJYRG4 TI-ADS5423IPJYRG4 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
More results

Descripción similar - ADS5423IPGPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com