Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5440 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5440
Descripción Electrónicos  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5440 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5440 Datasheet HTML 7Page - Texas Instruments ADS5440 Datasheet HTML 8Page - Texas Instruments ADS5440 Datasheet HTML 9Page - Texas Instruments ADS5440 Datasheet HTML 10Page - Texas Instruments ADS5440 Datasheet HTML 11Page - Texas Instruments ADS5440 Datasheet HTML 12Page - Texas Instruments ADS5440 Datasheet HTML 13Page - Texas Instruments ADS5440 Datasheet HTML 14Page - Texas Instruments ADS5440 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
SFDR = 69 dBc
SNR = 66.9 dBc
THD = 67.1 dBc
SINAD = 63.9 dBc
G005
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
G006
SFDR = 63.3 dBc
SNR = 64.9 dBc
THD = 62.1 dBc
SINAD = 60.1 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
FIN1 = 51.5 MHz, −7 dBFS
FIN2 = 52.5 MHz, −7 dBFS
IMD3 = 89.3 dBFS
G007
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
FIN1 = 51.5 MHz, −16 dBFS
FIN2 = 52.5 MHz, −16 dBFS
IMD3 = 97.4 dBFS
G008
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Spectral Performance
Spectral Performance
(FFT For 300-MHz Input Signal)
(FFT For 400-MHz Input Signal)
Figure 6.
Figure 7.
Two-Tone Intermodulation Distortion
Two-Tone Intermodulation Distortion
(FFT For 51.5-MHz and 52.5 MHz Input Signals)
(FFT For 51.5-MHz and 52.5 MHz Input Signals)
Figure 8.
Figure 9.
11
Submit Documentation Feedback


Número de pieza similar - ADS5440

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440IPFP TI-ADS5440IPFP Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS5440

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com