Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5444-SP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5444-SP
Descripción Electrónicos  CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5444-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5444-SP Datasheet HTML 4Page - Texas Instruments ADS5444-SP Datasheet HTML 5Page - Texas Instruments ADS5444-SP Datasheet HTML 6Page - Texas Instruments ADS5444-SP Datasheet HTML 7Page - Texas Instruments ADS5444-SP Datasheet HTML 8Page - Texas Instruments ADS5444-SP Datasheet HTML 9Page - Texas Instruments ADS5444-SP Datasheet HTML 10Page - Texas Instruments ADS5444-SP Datasheet HTML 11Page - Texas Instruments ADS5444-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
D4
D4
D3
D3
D2
D2
D1
D1
GND
DVDD
D0
D0
NC
NC
NC
NC
NC
NC
OVR
OVR
GND
60
63
59
62
58
61
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
GND
DVDD
GND
AVDD
NC
NC
VREF
GND
AVDD
GND
CLK
CLK
GND
AVDD
AVDD
GND
AIN
AIN
GND
AVDD
GND
HFGPACKAGE
(TOP VIEW)
79
83
78
82
77
81
76 75
80
84
74
72 71 70
73
69 68 67 66 65 64
22
41
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
42
ADS5444
ADS5444-SP
SGLS391C – MARCH 2008 – REVISED JANUARY 2014
www.ti.com
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
4, 9, 14, 15, 20, 23,
AVDD
25, 27, 29, 33, 37, 39, Analog power supply
41
DVDD
2, 54, 70
Output driver power supply
1, 3, 8, 10, 13, 16, 19,
21, 22, 24, 26, 28, 30,
GND
Ground
32, 34, 36, 38, 40, 42,
43, 55, 64, 69
VREF
7
Reference voltage
CLK
11
Differential input clock (positive). Conversion initiated on rising edge.
CLK
12
Differential input clock (negative)
AIN
17
Differential input signal (positive)
AIN
18
Differential input signal (negative)
Over range indicator LVDS output. A logic high signals an analog input in excess of the full-
OVR, OVR
44, 45
scale range.
D0, D0
52, 53
LVDS digital output pair, least-significant bit (LSB)
D1–D4, D1–D4
56–63
LVDS digital output pairs
D5–D6, D5–D6
65–68
LVDS digital output pairs
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated


Número de pieza similar - ADS5444-SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS5444-SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com