Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5463MPFPEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5463MPFPEP
Descripción Electrónicos  12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463MPFPEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5463MPFPEP Datasheet HTML 6Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 7Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 8Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 9Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 10Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 11Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 12Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 13Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
22 23
D3
D3
D2
D2
D1
D1
D0
D0
GND
DVDD3
NC
NC
NC
NC
NC
NC
NC
NC
OVR
OVR
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DVDD3
GND
AVDD5
NC
NC
VREF
GND
AVDD5
GND
CLK
CLK
GND
AVDD5
AVDD5
GND
AIN
AIN
GND
AVDD5
GND
25 26 27 28
PFP PACKAGE
(TOP VIEW)
79 78 77 76 75
80
74
72 71 70
73
29 30 31 32 33
69 68
21
67 66 65 64
34 35 36 37 38 39 40
63 62 61
ADS5463
P0027-02
ADS5463-EP
SGLS382C – NOVEMBER 2006 – REVISED OCTOBER 2009 ......................................................................................................................................... www.ti.com
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463-EP


Número de pieza similar - ADS5463MPFPEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5463MPFPEP TI1-ADS5463MPFPEP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS5463MPFPEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463-SP TI1-ADS5463-SP Datasheet
833Kb / 31P
[Old version datasheet]   Class V, 12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-SP TI-ADS5463-SP Datasheet
648Kb / 25P
[Old version datasheet]   CLASS V, 12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com