Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS6445-EP Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS6445-EP
Descripción Electrónicos  QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6445-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS6445-EP_13 Datasheet HTML 3Page - Texas Instruments ADS6445-EP_13 Datasheet HTML 4Page - Texas Instruments ADS6445-EP_13 Datasheet HTML 5Page - Texas Instruments ADS6445-EP_13 Datasheet HTML 6Page - Texas Instruments ADS6445-EP_13 Datasheet HTML 7Page - Texas Instruments ADS6445-EP_13 Datasheet HTML 8Page - Texas Instruments ADS6445-EP_13 Datasheet HTML 9Page - Texas Instruments ADS6445-EP_13 Datasheet HTML 10Page - Texas Instruments ADS6445-EP_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
ADS6445-EP
ADS6444-EP
www.ti.com
SLAS573C – FEBRUARY 2008 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
Typical values are at 25°C, min and max values are across the full junction temperature range TJ,MIN = –55°C to TJ,MAX =
125°C, AVDD = LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input,
internal reference mode (unless otherwise noted).
ADS6445
ADS6444
Fs = 125 MSPS
Fs = 105 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
73.7
73.8
Fin = 50 MHz
68.5
73.1
73.2
Fin = 70 MHz
72.7
69
73
SNR
Fin = 100 MHz
72.1
72.2
Signal to noise
dBFS
0 dB gain
69.9
70.2
ratio
Fin = 170 MHz
3.5 dB Coarse gain
69.4
69.7
0 dB gain
68.7
68.8
Fin = 230 MHz
3.5 dB Coarse gain
68.1
68.2
Fin = 10 MHz
73.4
73.4
Fin = 50 MHz
67.75
72.3
71.7
Fin = 70 MHz
71.2
68.5
72
SINAD
Fin = 100 MHz
71.8
72
Signal to noise
dBFS
and distortion
0 dB gain
67.9
69.8
ratio
Fin = 170 MHz
3.5 dB Coarse gain
68.3
69.3
0 dB gain
67.8
67.7
Fin = 230 MHz
3.5 dB Coarse gain
67.9
67.6
RMS
Inputs tied to common-mode
1.05
1.05
LSB
Output noise
Fin = 10 MHz
87
91
Fin = 50 MHz
69
81
80
Fin = 70 MHz
78
74
81
SFDR
Fin = 100 MHz
86
88
Spurious free
dBc
0 dB gain
76
79
dynamic range
Fin = 170 MHz
3.5 dB Coarse gain
79
83
0 dB gain
77
77
Fin = 230 MHz
3.5 dB Coarse gain
80
80
Fin = 10 MHz
93
94
Fin = 50 MHz
69
87
88
Fin = 70 MHz
87
74
88
Fin = 100 MHz
89
90
HD2
dBc
Second harmonic
0 dB gain
83
84
Fin = 170 MHz
3.5 dB Coarse gain
85
86
0 dB gain
80
81
Fin = 230 MHz
3.5 dB Coarse gain
82
83
Fin = 10 MHz
87
91
Fin = 50 MHz
69
81
80
Fin = 70 MHz
78
74
81
Fin = 100 MHz
86
88
HD3
dBc
Third harmonic
0 dB gain
76
79
Fin = 170 MHz
3.5 dB Coarse gain
79
83
0 dB gain
77
77
Fin = 230 MHz
3.5 dB Coarse gain
80
80
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS6445-EP ADS6444-EP


Número de pieza similar - ADS6445-EP_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Descripción similar - ADS6445-EP_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com