Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7800JUE4 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza ADS7800JUE4
Descripción Electrónicos  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800JUE4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7800JUE4 Datasheet HTML 1Page - Texas Instruments ADS7800JUE4 Datasheet HTML 2Page - Texas Instruments ADS7800JUE4 Datasheet HTML 3Page - Texas Instruments ADS7800JUE4 Datasheet HTML 4Page - Texas Instruments ADS7800JUE4 Datasheet HTML 5Page - Texas Instruments ADS7800JUE4 Datasheet HTML 6Page - Texas Instruments ADS7800JUE4 Datasheet HTML 7Page - Texas Instruments ADS7800JUE4 Datasheet HTML 8Page - Texas Instruments ADS7800JUE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADS7800
4
SBAS001A
www.ti.com
PIN ASSIGNMENTS
PIN #
NAME
DESCRIPTION
1IN1
±10V Analog Input. Connected to GND for ±5V range.
2IN2
±5V Analog Input. Connected to GND for ±10V range.
3
REF
+2V Reference Output. Bypass to GND with 22
µF to
47
µF Tantalum. Buffer for external loads.
4
AGND
Analog Ground. Connect to pin 13.
5
D11
Data Bit 11. Most Significant Bit (MSB).
6
D10
Data Bit 10.
7
D9
Data Bit 9.
8
D8
Data Bit 8.
9
D7
Data Bit 7 if HBE is LOW; LOW if HBE is HIGH.
10
D6
Data Bit 6 if HBE is LOW; LOW if HBE is HIGH.
11
D5
Data Bit 5 if HBE is LOW; LOW if HBE is HIGH.
12
D4
Data Bit 4 if HBE is LOW; LOW if HBE is HIGH.
13
DGND
Digital Ground. Connect to pin 4.
14
D3
Data Bit 3 if HBE is LOW; Data Bit 11 if HBE is HIGH.
15
D2
Data Bit 2 if HBE is LOW; Data Bit 10 if HBE is HIGH.
16
D1
Data Bit 1 if HBE is LOW; Data Bit 9 if HBE is HIGH.
17
D0
Data Bit 0 if HBE is LOW. Least Significant Bit (LSB);
Data Bit 8 if HBE is HIGH.
18
HBE
High Byte Enable. When held LOW, data output as 12
bits in parallel. When held HIGH, four MSBs presented on
pins 14-17, pins 9-12 output LOWs. Must be LOW to
initiate conversion.
19
R/C
Read/Convert. Falling edge initiates conversion when CS
is LOW, HBE is LOW, and BUSY is HIGH.
20
CS
Chip Select. Outputs in Hi-Z state when HIGH. Must be
LOW to initiate conversion or read data.
21
BUSY
Busy. Output LOW during conversion. Data valid on rising
edge in Convert Mode.
22
–VS
Negative Power Supply. –12V or –15V. Bypass to GND.
23
VSD
Positive Digital Power Supply. +5V. Connect to pin 24,
and bypass to GND.
24
VSA
Positive Analog Power Supply. +5V. Connect to pin 23,
and bypass to GND.
PIN CONFIGURATION
Top View
DIP/SOIC
1
2
3
4
5
6
7
8
9
10
11
12
IN1
IN2
REF
AGND
D11
D10
D9
D8
D7
D6
D5
D4
24
23
22
21
20
19
18
17
16
15
14
13
V
V
–V
BUSY
CS
R/C
HBE
D0
D1
D2
D3
DGND
SA
SD
S


Número de pieza similar - ADS7800JUE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7800JUE4 TI1-ADS7800JUE4 Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7800JUE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com