Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7810UB Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS7810UB
Descripción Electrónicos  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7810UB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7810UB Datasheet HTML 3Page - Texas Instruments ADS7810UB Datasheet HTML 4Page - Texas Instruments ADS7810UB Datasheet HTML 5Page - Texas Instruments ADS7810UB Datasheet HTML 6Page - Texas Instruments ADS7810UB Datasheet HTML 7Page - Texas Instruments ADS7810UB Datasheet HTML 8Page - Texas Instruments ADS7810UB Datasheet HTML 9Page - Texas Instruments ADS7810UB Datasheet HTML 10Page - Texas Instruments ADS7810UB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADS7810
www.ti.com
SBAS014A – MARCH 1992 – REVISED SEPTEMBER 2010
PIN ASSIGNMENTS (continued)
PIN
DIGITAL
DESCRIPTION
I/O
NO.
NAME
Data bit 2. Hi-Z state when CS is high, or when R/C is low, or when a conversion is in
16
D2
O
progress.
Data bit 1. Hi-Z state when CS is high, or when R/C is low, or when a conversion is in
17
D1
O
progress.
Data bit 0. Least significant bit (LSB) of conversion results. Hi-Z state when CS is high,
18
D0 (LSB)
O
or when R/C is low, or when a conversion is in progress.
19
NC
Not internally connected.
20
+VANA
Analog positive supply input. Nominally +5V. Connect directly to pins 21, 27, and 28.
21
+VDIG
Digital supply input. Nominally +5V. Connect directly to pins 20, 27, and 28.
22
DGND
Digital ground.
Read/Convert input. With CS low, a falling edge on R/C puts the internal sample/hold into
23
R/C
I
the hold state and starts a conversion. With CS low and no conversion in progress, a
rising edge on R/C enables the output data bits.
Chip select. With R/C low, a falling edge on CS will initiate a conversion. With R/C high
24
CS
I
and no conversion in progress, a falling edge on CS will enable the output data bits.
Busy output. Falls when a conversion is started, and remains low until the conversion is
completed and the data are latched into the output register. With CS low and R/C high,
25
BUSY
O
output data will be valid when BUSY rises, so that the rising edge can be used to latch
the data.
Analog negative supply input. Nominally –5V. Decouple to ground with 0.1mF ceramic
26
–VANA
and 10vF tantalum capacitors.
27
+VDIG
Digital supply input. Nominally +5V. Connect directly to pins 20, 21, and 28.
Analog positive supply input. Nominally +5V. Connect directly to pins 20, 21, and 27, and
28
+VANA
decouple to ground with 0.1mF ceramic and 10mF tantalum capacitors.
Copyright © 1992–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS7810


Número de pieza similar - ADS7810UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7810UB BURR-BROWN-ADS7810UB Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810UBE4 BURR-BROWN-ADS7810UBE4 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Descripción similar - ADS7810UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com