Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7811U Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7811U
Descripción Electrónicos  16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7811U Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7811U Datasheet HTML 2Page - Texas Instruments ADS7811U Datasheet HTML 3Page - Texas Instruments ADS7811U Datasheet HTML 4Page - Texas Instruments ADS7811U Datasheet HTML 5Page - Texas Instruments ADS7811U Datasheet HTML 6Page - Texas Instruments ADS7811U Datasheet HTML 7Page - Texas Instruments ADS7811U Datasheet HTML 8Page - Texas Instruments ADS7811U Datasheet HTML 9Page - Texas Instruments ADS7811U Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADS7811
6
SBOS041A
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V
IN
GND
REF
CAP
GND
D15
D14
D13
D12
D11
D10
D9
D8
GND
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+V
S
+V
S
BUSY
CS
R/C
–V
S
D0
D1
D2
D3
D4
D5
D6
D7
ADS7811
R
1
75
+5V
–5V
+
2.2µF
C
4
0.1µF
C
6
+
2.2µF
C
3
0.1µF
C
5
Convert Pulse
74HC00
100ns min
3.3µs max
µProcessor
Bus
µProcessor
Bus
+5V
0.1µF
C
1
+
10µF
C
2
–5V
OC
0.1µF
C
7
+
10µF
C
8
2
3
4
5
6
7
8
9
1D
2D
3D
4D
5D
6D
7D
8D
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
1
10
OC
CLK
74HC574
2
3
4
5
6
7
8
9
1D
2D
3D
4D
5D
6D
7D
8D
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
1
10
OC
CLK
74HC574
R
2
10
OPA628
BASIC OPERATION
Figure 1 shows the recommended circuit for operation of the
ADS7811. A falling edge on the convert pulse signal places
the sample and hold into the hold mode and initiates a
conversion. When the conversion is complete, the pins D15
through D0 become active and the result of the conversion
is placed on these outputs. In the circuit shown in Figure 1,
the rising edge of BUSY latches the result into the 74HC574s.
After the conversion is complete, the ADS7811 sample and
hold returns to the sample mode and begins acquiring the
input signal for the next conversion. Allowing 4
µs between
falling edges of the convert pulse signal assures adequate
acquisition time for the internal sample and hold.
FIGURE 1. Basic Operation.


Número de pieza similar - ADS7811U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7811U BURR-BROWN-ADS7811U Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Descripción similar - ADS7811U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com