Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7254IRTER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7254IRTER
Descripción Electrónicos  Simultaneous-Sampling, Analog-to-Digital Converters
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7254IRTER Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7254IRTER Datasheet HTML 2Page - Texas Instruments ADS7254IRTER Datasheet HTML 3Page - Texas Instruments ADS7254IRTER Datasheet HTML 4Page - Texas Instruments ADS7254IRTER Datasheet HTML 5Page - Texas Instruments ADS7254IRTER Datasheet HTML 6Page - Texas Instruments ADS7254IRTER Datasheet HTML 7Page - Texas Instruments ADS7254IRTER Datasheet HTML 8Page - Texas Instruments ADS7254IRTER Datasheet HTML 9Page - Texas Instruments ADS7254IRTER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
ADS8354, ADS7854, ADS7254
SBAS556B – OCTOBER 2013 – REVISED AUGUST 2014
www.ti.com
7.5 Electrical Characteristics: ADS8354
All minimum and maximum specifications are at TA = –40°C to 125°C, AVDD = 5 V, DVDD = 3.3 V, VREF_A = VREF_B = VREF =
2.5 V (internal), and fDATA = 700 kSPS, unless otherwise noted.
Typical values are at TA = 25°C, AVDD = 5 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
16
Bits
DC ACCURACY(1)
NMC
No missing codes
32-clock mode
16
Bits
INL
Integral nonlinearity
32-clock mode
–2.5
±1
2.5
LSB
DNL
Differential nonlinearity
32-clock mode
–0.99
±0.7
2
LSB
EIO
Input offset error
–1
±0.5
1
mV
EIO match
ADC_A to ADC_B
–1
±0.5
1
mV
dEIO/dT
Input offset thermal drift
±1
μV/°C
EG
Gain error
Referenced to the voltage at REFIO_x
–0.1
±0.05
0.1
%FS
EG match
ADC_A to ADC_B
–0.1
±0.05
0.1
%FS
dEG/dT
Gain error thermal drift
Referenced to the voltage at REFIO_x
±1
ppm/°C
CMRR
Common-mode rejection ratio
Both ADCs, dc to 20 kHz
70
dB
AC ACCURACY(2)
VREF = 2.5 V,
88.6
dB
±VREF input range, 32-clock mode
VREF = 2.5 V,
SINAD
Signal-to-noise + distortion
88.4
dB
±2 × VREF input range, 32-clock mode
VREF = 5 V (external),
92.2
dB
±VREF input range, 32-clock mode
VREF = 2.5 V,
89
dB
±VREF input range, 32-clock mode
VREF = 2.5 V,
SNR
Signal-to-noise ratio
89
dB
±2 × VREF input range, 32-clock mode
VREF = 5 V (external),
93
dB
±VREF input range, 32-clock mode
VREF = 2.5 V,
–99
dB
±VREF input range, 32-clock mode
VREF = 2.5 V,
THD
Total harmonic distortion
–97.5
dB
±2 × VREF input range, 32-clock mode
VREF = 5 V (external),
–100
dB
±VREF input range, 32-clock mode
VREF = 2.5 V,
100
dB
±VREF input range, 32-clock mode
VREF = 2.5 V,
SFDR
Spurious-free dynamic range
99
dB
±2 × VREF input range, 32-clock mode
VREF = 5 V (external),
100
dB
±VREF input range, 32-clock mode
fIN = 15 kHz at 10 %FS,
ISOXT
ADC-to-ADC isolation
–110
dB
fNOISE = 25 kHz at FS
(1)
LSB = least significant bit.
(2)
All ac parameters are tested at –0.5 dBFS and a 20-kHz input frequency.
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: ADS8354 ADS7854 ADS7254


Número de pieza similar - ADS7254IRTER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7250 TI1-ADS7250 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTER TI1-ADS7250IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTET TI1-ADS7250IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7251IRTER TI1-ADS7251IRTER Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
More results

Descripción similar - ADS7254IRTER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com