Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC08DL500 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC08DL500
Descripción Electrónicos  Low Power, 8-Bit, Dual 500 MSPS A/D Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08DL500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC08DL500 Datasheet HTML 2Page - Texas Instruments ADC08DL500 Datasheet HTML 3Page - Texas Instruments ADC08DL500 Datasheet HTML 4Page - Texas Instruments ADC08DL500 Datasheet HTML 5Page - Texas Instruments ADC08DL500 Datasheet HTML 6Page - Texas Instruments ADC08DL500 Datasheet HTML 7Page - Texas Instruments ADC08DL500 Datasheet HTML 8Page - Texas Instruments ADC08DL500 Datasheet HTML 9Page - Texas Instruments ADC08DL500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Tdiode_P
Tdiode_N
V
VA
GND
VA
GND
GND
VA
200k
8 pF
VCMO
Enable AC
Coupling
ADC08DL500
SNAS495C – MARCH 2011 – REVISED MARCH 2011
www.ti.com
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
Common Mode Voltage. This pin is the common mode output
in d.c. coupling mode and also serves as the a.c. coupling
mode select pin. When d.c. coupling is used, the voltage
9
VCMO
output at this pin is required to be the common mode input
voltage at VIN+ and VIN− when d.c. coupling is used. This pin
should be grounded when a.c. coupling is used at the analog
inputs. This pin is capable of sourcing or sinking 100
μA.
Bandgap output voltage capable of 100
μA source/sink and
33
VBG
can drive a load up to 80 pF. VBG functionality:
(4)
Calibration Running indication. This pin is at a logic high
140
CalRun
when calibration is running. CalRun functionality: (4)
External bias resistor connection. Nominal value is 4.7 k
34
REXT
(±0.1%) to ground.
Temperature Diode Positive (Anode) and Negative (Cathode).
These pins may be used for die temperature measurements,
40
Tdiode_P
however no specified accuracy is implied or guaranteed.
41
Tdiode_N
Noise coupling from adjacent output data signals has been
shown to affect temperature measurements using this
feature. Tdiode_P, Tdiode_N functionality: (5)
(4)
This pin/bit functionality is not tested in production test; performance is tested in the specified/default mode only.
(5)
This pin/bit functionality is not tested in production test; performance is tested in the specified/default mode only.
6
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: ADC08DL500


Número de pieza similar - ADC08DL500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500 Datasheet
1Mb / 48P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500CIVV TI1-ADC08DL500CIVV Datasheet
738Kb / 57P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_14 Datasheet
738Kb / 57P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results

Descripción similar - ADC08DL500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC08DL502 TI1-ADC08DL502 Datasheet
1Mb / 43P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500 Datasheet
1Mb / 48P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_14 Datasheet
738Kb / 57P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com