Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC0858 Datasheet(PDF) 4 Page - Texas Instruments |
|
ADC0858 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 38 page Absolute Maximum Ratings (Notes12) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage VCC 65V Voltage at Logic and Analog Inputs (Note 3) b 03V to VCC a 03V Input Current per Pin g 5mA Input Current per Package g 20 mA Storage Temperature b 65 Cto a150 C Package Dissipation 500 mW at TA ea25 C (Board Mount) 800 mW Lead Temperature (Soldering 10 Sec) Dual-In-Line (Plastic) a 260 C Dual-In-Line (Ceramic) a 300 C ESD Susceptibility (Note 4) 2000V Operating Ratings (Notes12) Supply Voltage VCC 45V to 55V Temperature Range TMIN s TA s TMAX ADC0858CMJ883 b 55 C s TA s a125 C ADC0851CMJ883 b 55 C s TA s a125 C ADC0858BIN ADC0858CIN b 40 C s TA s a85 C ADC0851BIN ADC0851CIN b 40 C s TA s a85 C ADC0858BIV ADC0858CIV b 40 C s TA s a85 C ADC0851BIV ADC0851CIV b 40 C s TA s a85 C DC Electrical Characteristics The following specifications apply for VCC ea5VDC VREF ea45 VDC AGND e DGND e 0V and fOSC e 1 MHz (Rext e 316 kX Cext e 170 pF) unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits apply at TA e TJ ea25 C Parameter Conditions Typical Limit Units (Note 5) (Note 6) (Limits) CONVERTER AND MULTIPLEXER CHARACTERISTICS Total Unadjusted Error (Note 7) ADC08518BIN ADC08518BIV g LSB (Max) ADC08518CIN ADC08518CMJ g 1 LSB (Max) ADC08518CIV g 1 LSB (Max) Comparator Offset ADC08518BIN ADC0858BIV g 25 g 10 mV (Max) ADC08518CIN ADC08518CMJ g 25 g 20 mV (Max) ADC0858CIV g 25 g 20 mV (Max) VREF Input Resistance 6 35 kX (Min) 10 kX (Max) Common Mode Input Voltage All MUX Inputs GND b 005 V (Min) (Note 8) and COM Input VCC a 005 V (Max) DC Common Mode Error D VCM eb005V to a505V g 116 g 14 LSB (Max) Power Supply Sensitivity VREF e 475V VCC e 5V g 5% g 116 g 14 LSB (Max) VREF e 45V g 116 g 12 VCC e 5V g 10% IOFF On Channel e 5V b 001 b 3 m A (Max) Off Channel Off Channel e 0V Leakage Current On Channel e 0V a 001 a 3 m A (Max) (Note 9) Off Channel e 5V ION On Channel e 5V a 001 a 3 m A (Max) On Channel Off Channel e 0V Leakage Current On Channel e 0V b 001 b 3 m A (Max) (Note 9) Off Channel e 5V 3 |
Número de pieza similar - ADC0858 |
|
Descripción similar - ADC0858 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |