Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC088S022CIMTX Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ADC088S022CIMTX
Descripción Electrónicos  8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC088S022CIMTX Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC088S022CIMTX Datasheet HTML 2Page - Texas Instruments ADC088S022CIMTX Datasheet HTML 3Page - Texas Instruments ADC088S022CIMTX Datasheet HTML 4Page - Texas Instruments ADC088S022CIMTX Datasheet HTML 5Page - Texas Instruments ADC088S022CIMTX Datasheet HTML 6Page - Texas Instruments ADC088S022CIMTX Datasheet HTML 7Page - Texas Instruments ADC088S022CIMTX Datasheet HTML 8Page - Texas Instruments ADC088S022CIMTX Datasheet HTML 9Page - Texas Instruments ADC088S022CIMTX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
tCSH
SCLK
CS
tCSS
CS
tCONVERT
tACQ
tCH
tCL
tEN
tDH
tDS
FOUR ZEROS
DB6
DONTC DONTC ADD2
ADD1
ADD0
DONTC DONTC DONTC
DB7
DB5
DB4
B1
12
8
7
6
5
4
3
2
1
DB0
DIN
DOUT
SCLK
CS
tDIS
13
14
tDACC
tDHLD
FOUR ZEROS
15
16
8
9
10
11
12
13
14
15
16
Track
Hold
Power Up
ADD2 ADD1 ADD0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DIN
DOUT
SCLK
CS
Control register
1
2
3
4
5
6
7
1
2
3
4
5
6
7
ADD2 ADD1 ADD0
8
DB7
DB6
DB5
Power
Down
Power Up
Track
Hold
ADC088S022
SNAS341F – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Timing Diagrams
Figure 1. ADC088S022 Operational Timing Diagram
Figure 2. ADC088S022 Serial Timing Diagram
Figure 3. SCLK and CS Timing Parameters
Specification Definitions
ACQUISITION TIME is the time required for the ADC to acquire the input voltage. During this time, the hold
capacitor is charged by the input voltage.
APERTURE DELAY is the time between the fourth falling edge of SCLK and the time when the input signal is
internally acquired or held for conversion.
CONVERSION TIME is the time required, after the input voltage is acquired, for the ADC to convert the input
voltage to a digital word.
CHANNEL-TO-CHANNEL ISOLATION is resistance to coupling of energy from one channel into another
channel.
CROSSTALK is the coupling of energy from one channel into another channel. This is similar to Channel-to-
Channel Isolation, except for the sign of the data.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC088S022


Número de pieza similar - ADC088S022CIMTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC088S022CIMTX NSC-ADC088S022CIMTX Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022CIMTX NSC-ADC088S022CIMTX Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
More results

Descripción similar - ADC088S022CIMTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com