Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS54J20IRMP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS54J20IRMP
Descripción Electrónicos  Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J20IRMP Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS54J20IRMP Datasheet HTML 6Page - Texas Instruments ADS54J20IRMP Datasheet HTML 7Page - Texas Instruments ADS54J20IRMP Datasheet HTML 8Page - Texas Instruments ADS54J20IRMP Datasheet HTML 9Page - Texas Instruments ADS54J20IRMP Datasheet HTML 10Page - Texas Instruments ADS54J20IRMP Datasheet HTML 11Page - Texas Instruments ADS54J20IRMP Datasheet HTML 12Page - Texas Instruments ADS54J20IRMP Datasheet HTML 13Page - Texas Instruments ADS54J20IRMP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
10
ADS54J20
SBAS766A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
AC Characteristics (continued)
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = +85°C, ADC sampling rate = 1.0 GSPS,
50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD = 1.15 V, –1-dBFS differential input amplitude, and
0-dB digital gain (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD
Total harmonic distortion
fIN = 10 MHz, AIN = –1 dBFS
82.0
dBc
fIN = 100 MHz, AIN = –1 dBFS
80.0
fIN = 170 MHz, AIN = –1 dBFS
72
83.0
fIN = 230 MHz, AIN = –1 dBFS
82.0
fIN = 270 MHz, AIN = –1 dBFS
78.0
fIN = 300 MHz, AIN = –1 dBFS
75.0
fIN = 370 MHz, AIN = –1 dBFS
70.0
fIN = 470 MHz, AIN = –3 dBFS
71.0
fIN = 720 MHz
AIN = –6 dBFS
67.0
AIN = –6 dBFS, gain = 5 dB
69.0
SFDR_IL Interleaving spur
fIN = 10 MHz, AIN = –1 dBFS
84.0
dBc
fIN = 100 MHz, AIN = –1 dBFS
85.0
fIN = 170 MHz, AIN = –1 dBFS
69
84.0
fIN = 230 MHz, AIN = –1 dBFS
83.0
fIN = 270 MHz, AIN = –1 dBFS
82.0
fIN = 300 MHz, AIN = –1 dBFS
81.0
fIN = 370 MHz, AIN = –1 dBFS
81.0
fIN = 470 MHz, AIN = –3 dBFS
78.0
fIN = 720 MHz
AIN = –6 dBFS
79.0
AIN = –6 dBFS, gain = 5 dB
82.0
IMD3
Two-tone, third-order
intermodulation distortion
fIN1 = 185 MHz, fIN2 = 190 MHz,
AIN = –7 dBFS
85
dBFS
fIN1 = 365 MHz, fIN2 = 370 MHz,
AIN = –7 dBFS
79
fIN1 = 465 MHz, fIN2 = 470 MHz,
AIN = –7 dBFS
75
Crosstalk isolation between
channel A and B
Full-scale, 170-MHz signal on aggressor, idle
channel is victim
100
dB


Número de pieza similar - ADS54J20IRMP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMP TI1-ADS54J40IRMP Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMPT TI1-ADS54J40IRMPT Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J42 TI1-ADS54J42 Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
ADS54J42IRMP TI1-ADS54J42IRMP Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
More results

Descripción similar - ADS54J20IRMP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com