Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS127L01IPBS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS127L01IPBS
Descripción Electrónicos  24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS127L01IPBS Datasheet(HTML) 4 Page - Texas Instruments

  ADS127L01IPBS Datasheet HTML 1Page - Texas Instruments ADS127L01IPBS Datasheet HTML 2Page - Texas Instruments ADS127L01IPBS Datasheet HTML 3Page - Texas Instruments ADS127L01IPBS Datasheet HTML 4Page - Texas Instruments ADS127L01IPBS Datasheet HTML 5Page - Texas Instruments ADS127L01IPBS Datasheet HTML 6Page - Texas Instruments ADS127L01IPBS Datasheet HTML 7Page - Texas Instruments ADS127L01IPBS Datasheet HTML 8Page - Texas Instruments ADS127L01IPBS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
4
ADS127L01
SBAS607A – APRIL 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADS127L01
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION(1)
NO.
NAME
(2)
Pull the hardware mode pins high to DVDD or low to DGND through 100-k
Ω resistors.
(3)
See the Reset and Power-Down Pins (RESET/PWDN) section for specific hardware design details if using power-down mode.
(4)
Entering LP mode or VLP mode is set by REXT resistor value.
12
FILTER1
Digital input
Digital filter select pin(2).
00: Wideband 1 filter (WB1)
01: Wideband 2 filter (WB2)
10 : Low-latency filter (LL)
11: Reserved
13
FILTER0
Digital input
14
FSMODE
Digital input
Frame-sync mode pin(2).
0: Slave mode
1: Master mode. Frame-sync mode only.
15
OSR1
Digital input
Oversampling ratio (OSR) pin for the decimation filters(2).
Wideband filters, FILTER[1:0] = 00 or 01:
00: 32x oversampling (OSR 32)
01: 64x oversampling (OSR 64)
10: 128x oversampling (OSR 128)
11: 256x oversampling (OSR 256)
Low-latency filter, FILTER[1:0] = 10:
00: 32x oversampling (OSR 32)
01: 128x oversampling (OSR 128)
10: 512x oversampling (OSR 512)
11: 2048x oversampling (OSR 2048)
16
OSR0
Digital input
17
START
Digital input
Synchronization signal to start or restart a conversion.
18
DAISYIN
Digital input
Daisy-chain input.
19
DRDY/FSYNC
Digital input/output
SPI protocol: Data ready, active low(3).
Frame-sync protocol: Frame-sync input signal(3)
20
DOUT
Digital output
Serial data output
21
DIN
Digital input
Serial data input.
Tie directly to DGND when using the frame-sync interface.
22
SCLK
Digital input/output
Serial clock input(3).
23
CS
Digital input
Chip select.
Tie directly to DGND when using the frame-sync interface.
24
CLK
Digital input
Master clock input.
25
CAP3
Supply output
Internally-generated digital operating voltage.
Connect a 1-µF capacitor to DGND.
26
DGND
Digital ground
Digital ground.
27
DVDD
Supply input
Digital supply.
Decouple DVDD to DGND with a 1-
μF capacitor(3)
28
RESET/PWDN
Digital input
Reset or power-down pin, active low(3).
29
HR
Digital input
ADC operating mode(2).
1: High-resolution (HR)
0: Low-power (LP) or very-low-power (VLP)(4)
30
FORMAT
Digital input
Interface select(2).
0: SPI
1: Frame-Sync
31
AGND
Analog ground
Analog ground.
32
AVDD
Supply input
Analog supply.
Decouple AVDD to AGND with a 1-
μF capacitor.


Número de pieza similar - ADS127L01IPBS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS127L01 TI1-ADS127L01 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Descripción similar - ADS127L01IPBS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1271 TI1-ADS1271_14 Datasheet
794Kb / 39P
[Old version datasheet]   24-bit, Wide Bandwidth Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com