Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS131A02 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza ADS131A02
Descripción Electrónicos  2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131A02 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS131A02_16 Datasheet HTML 4Page - Texas Instruments ADS131A02_16 Datasheet HTML 5Page - Texas Instruments ADS131A02_16 Datasheet HTML 6Page - Texas Instruments ADS131A02_16 Datasheet HTML 7Page - Texas Instruments ADS131A02_16 Datasheet HTML 8Page - Texas Instruments ADS131A02_16 Datasheet HTML 9Page - Texas Instruments ADS131A02_16 Datasheet HTML 10Page - Texas Instruments ADS131A02_16 Datasheet HTML 11Page - Texas Instruments ADS131A02_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
8
ADS131A02, ADS131A04
SBAS590A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADS131A02 ADS131A04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C. All
specifications are at VIOVDD = 3.3 V, VAVDD = 2.5 V, VAVSS = –2.5 V, VNCPEN (register 0Bh, bit 7) = 0, internal VREF = 2.442 V,
fCLKIN = 16.384 MHz, fMOD = 4.096 MHz, data rate = 8 kSPS, and gain = 1 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE VOLTAGE (REFP – REFN)
VREF
Reference output voltage
VREF_4V bit = 0
2.442
V
VREF_4V bit = 1, VAVDD – VAVSS > 4.5 V
4.0
Accuracy
±0.1%
Temperature drift
Including reference buffer drift, –40°C
≤ TA ≤ +125°C
4
20
ppm/°C
Start-up time
REFEXT = 1-µF to AVSS, settled to 1%
0.2
ms
REFEXT = 1-µF to AVSS, settled to 0.1%
1.2
REFEXT = 1-µF to AVSS, settled to 0.01%
250
REFP source capability
100
µA
EXTERNAL CLOCK SOURCE
fICLK
Internal ICLK frequency (SCLK output
in master mode)
CLKSRC bit = 0
0.2
8.192
12.5
MHz
fMOD
ADC modulator frequency
High-resolution mode
VNCPEN bit = 0
0.1
4.096
4.25
MHz
VNCPEN bit = 1
0.512
4.096
4.25
Low-power mode
VNCPEN bit = 0
0.1
1.024
1.05
VNCPEN bit = 1
0.512
1.024
1.05
DIGITAL INPUT/OUTPUT
VIH
High-level input voltage
0.8
IOVDD
IOVDD
V
VIL
Low-level input voltage
GND
0.2
IOVDD
V
VOH
High-level output voltage
IOH = 1 mA
0.8
IOVDD
V
VOL
Low-level output voltage
IOL = –1 mA
0.2
IOVDD
V
IIN
Input current
0 V < VDigital Input < IOVDD
–10
10
μA
POWER-SUPPLY
Power dissipation
Standby mode, fCLKIN = 16.384 MHz
2.6
mW
POWER-SUPPLY (Negative Charge Pump Enabled, VNCPEN = 1)
VNCP
Negative charge pump output voltage
–2.25
–1.95
–1.65
V
AVDD current
ADS131A02, high-resolution mode
3.2
mA
ADS131A02, low-power mode
0.9
ADS131A04, high-resolution mode
4.0
ADS131A04, low-power mode
1.1
IOVDD current
ADS131A02, high-resolution mode
0.6
mA
ADS131A02, low-power mode
0.5
ADS131A04, high-resolution mode
0.8
ADS131A04, low-power mode
0.5
POWER-SUPPLY (ADS131A02, VNCPEN = 1, VAVDD = 3.3 V, VAVSS = 0 V)
Power dissipation
High-resolution mode
12.5
mW
Low-power mode
4.6
POWER-SUPPLY (ADS131A04, VNCPEN = 1, VAVDD = 3.3 V, VAVSS = 0 V)
Power dissipation
High-resolution mode
15.8
mW
Low-power mode
5.3


Número de pieza similar - ADS131A02_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS131B02-Q1 TI-ADS131B02-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B02QPWRQ1 TI-ADS131B02QPWRQ1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1_V01 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
More results

Descripción similar - ADS131A02_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AFE439A2 TI1-AFE439A2 Datasheet
2Mb / 69P
[Old version datasheet]   AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com