Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS774HIDW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS774HIDW
Descripción Electrónicos  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774HIDW Datasheet(HTML) 4 Page - Texas Instruments

  ADS774HIDW Datasheet HTML 1Page - Texas Instruments ADS774HIDW Datasheet HTML 2Page - Texas Instruments ADS774HIDW Datasheet HTML 3Page - Texas Instruments ADS774HIDW Datasheet HTML 4Page - Texas Instruments ADS774HIDW Datasheet HTML 5Page - Texas Instruments ADS774HIDW Datasheet HTML 6Page - Texas Instruments ADS774HIDW Datasheet HTML 7Page - Texas Instruments ADS774HIDW Datasheet HTML 8Page - Texas Instruments ADS774HIDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADS774H
SBAS443 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = TMIN to TMAX, VDD = +5V, VEE = –15V to +5V, sampling frequency of 117kHz, and fIN = 10kHz, unless otherwise
noted.
ADS774HI
ADS774HIB(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SAMPLING DYNAMICS
At +25°C
125
125
kHz
Sampling rate
TMIN to TMAX
117
117
kHz
with VEE = +5V
20
20
ns
Aperture delay, tAP
with VEE = 0V to –15V
1.6
1.6
µs
with VEE = +5V
300
300
ps RMS
Aperture uncertainty (jitter)
with VEE = 0V to –15V
10
10
ns RMS
Settling time to 0.01% for
1.4
1.4
µs
full-scale input change
DIGITAL OUTPUTS (DB11 to DB0, STATUS)
Unipolar
Unipolar straight binary (USB)
Unipolar straight binary (USB)
Output codes
Bipolar
Bipolar offset binary (BOB)
Bipolar offset binary (BOB)
Logic 0 (ISINK = 1.6mA)
+0.4
+0.4
V
Logic levels
Logic 1 (ISOURCE = 500µA)
+2.4
+2.4
V
Leakage, data bits only, high-Z
–5
0.1
+5
–5
0.1
+5
µA
state
Capacitance
5
5
pF
INTERNAL REFERENCE VOLTAGE
Voltage
+2.4
+2.5
+2.6
+2.4
+2.5
+2.6
V
Source current available for
0.5
0.5
mA
external loads
POWER-SUPPLY REQUIREMENTS
VEE
(8)
–16.5
VDD
–16.5
VDD
V
Voltage
VDD
+4.5
+5.5
+4.5
+5.5
V
IEE
(8)
VEE = –15V
–1
–1
mA
Current
IDD
+15
+24
+15
+24
mA
Power dissipation, tMIN to tMAX
VEE = 0V to +5V
75
120
75
120
mW
TEMPERATURE RANGE
Specified
–40
+85
–40
+85
°C
Operating
–40
+85
–40
+85
°C
Storage
–65
+150
–65
+150
°C
(8)
VEE is optional, and is only used to set the mode for the internal sample/hold. When VEE = –15V, IEE = –1mA typ; when VEE = 0V, IEE =
±5mA typ; when VEE = +5V, IEE = +167mA typ.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated


Número de pieza similar - ADS774HIDW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS774HIDW TI1-ADS774HIDW Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIDWR TI1-ADS774HIDWR Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS774HIDW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com