Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS1210 Datasheet(PDF) 17 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 13Page - Texas Instruments ADS1210_15 Datasheet HTML 14Page - Texas Instruments ADS1210_15 Datasheet HTML 15Page - Texas Instruments ADS1210_15 Datasheet HTML 16Page - Texas Instruments ADS1210_15 Datasheet HTML 17Page - Texas Instruments ADS1210_15 Datasheet HTML 18Page - Texas Instruments ADS1210_15 Datasheet HTML 19Page - Texas Instruments ADS1210_15 Datasheet HTML 20Page - Texas Instruments ADS1210_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
ADS1210, ADS1211
17
SBAS034B
www.ti.com
considerations associated with VBIAS and the settling of
external circuitry. All of these must be taken into account
when determining the amount of time required to resume
normal operation. The timing diagram shown in Figure 10
does not take into account the settling of external circuitry.
FIGURE 10. Sleep Mode to Normal Mode Timing.
DRDY
Serial
I/O
NOTE: (1) Assuming that the external circuitry has
been stable for the previous three t
DATA periods.
t
DATA
One
Normal
Conversion
(Other
Modes
Start Here)
Data
Not
Valid
Valid
Data(1)
Valid
Data(1)
Sleep Mode
Change to Normal Mode Occurs Here
ANALOG OPERATION
ANALOG INPUT
The input impedance of the analog input changes with
ADS1210/11 clock frequency (fXIN), gain (G), and Turbo
Mode Rate (TMR). The relationship is:
AIN Impedance (Ω) = (10MHz/fXIN)•4.3E6/(G•TMR)
Figure 11 shows the basic input structure of the ADS1210.
The ADS1211 includes an input multiplexer, but this has
little impact on the analysis of the input structure. The
impedance is directly related to the sampling frequency of
the input capacitor. The XIN clock rate sets the basic sam-
pling rate in a gain of 1 and Turbo Mode Rate of 1. Higher
gains and higher Turbo Mode Rates result in an increase of
the sampling rate, while slower clock (XIN) frequencies
result in a decrease.
FIGURE 11. Analog Input Structure.
R
SW
(8k
Ω typical)
Switching Frequency
= f
SAMP
High
Impedance
> 1G
C
INT
8pF Typical
V
CM
A
IN
This input impedance can become a major point of consid-
eration in some designs. If the source impedance of the input
signal is significant or if there is passive filtering prior to the
ADS1210/11, then a significant portion of the signal can be
lost across this external impedance. How significant this
effect is depends on the desired system performance.
There are two restrictions on the analog input signal to the
ADS1210/11. Under no conditions should the current into
or out of the analog inputs exceed 10mA. In addition, while
the analog signal must reside within this range, the linearity
of the ADS1210/11 is only ensured when the actual analog
input voltage resides within a range defined by AGND –
30mV and AVDD +30mV. This is due to leakage paths
which occur within the part when AGND and AVDD are
exceeded.
For this reason, the 0V to 5V input range (gain of 1 with a 2.5V
reference) must be used with caution. Should AVDD be 4.75V,
the analog input signal would swing outside of the tested
specifications of the device. Designs utilizing this mode of
operation should consider limiting the span to a slightly smaller
range. Common-mode voltages are also a significant concern
in this mode and must be carefully analyzed.
An input voltage range of 0.75V to 4.25V is the smallest
span that is allowed if a full system calibration will be
performed (see the Calibration section for more details).
This also assumes an offset error of zero. A better choice
would be 0.5V to 4.5V (a full-scale range of 9V). This span
would allow some offset error, gain error, power supply
drift, and common-mode voltage while still providing full
system calibration over reasonable variation in each of these
parameters.
The actual input voltage exceeding AGND or AVDD should not
be a concern in higher gain settings as the input voltage range
will reside well within 0V to 5V. This is true unless the
common-mode voltage is large enough to place positive full-
scale or negative full-scale outside of the AGND to AVDD range.
REFERENCE INPUT
The input impedance of the REFIN input changes with clock
frequency (fXIN) and Turbo Mode Rate (TMR). The relationship
is:
REFIN Impedance (Ω) = (10MHz/fXIN)•1E6/TMR
Unlike the analog input, the reference input impedance has
a negligible dependency on the PGA gain setting.
The reference input voltage can vary between 2V and 3V. A
nominal voltage of 2.5V appears at REFOUT, and this can be
directly connected to REFIN. Higher reference voltages will
cause the full-scale range to increase while the internal
circuit noise of the converter remains approximately the
same. This will increase the LSB weight but not the internal
noise, resulting in increased signal-to-noise ratio and effec-
tive resolution. Likewise, lower reference voltages will de-
crease the signal-to-noise ratio and effective resolution.
REFERENCE OUTPUT
The ADS1210/11 contains an internal +2.5V reference.
Tolerances, drift, noise, and other specifications for this
reference are given in the Specification Table. Note that it is
not designed to sink or to source more than 1mA of current.
In addition, loading the reference with a dynamic or variable
load is not recommended. This can result in small changes
in reference voltage as the load changes. Finally, for designs
approaching or exceeding 20 bits of effective resolution, a
low-noise external reference is recommended as the internal
reference may not provide adequate performance.


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Texas Instruments
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWTG4 TI1-ADS1242IPWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz