Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS1210 Datasheet(PDF) 18 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 14Page - Texas Instruments ADS1210_15 Datasheet HTML 15Page - Texas Instruments ADS1210_15 Datasheet HTML 16Page - Texas Instruments ADS1210_15 Datasheet HTML 17Page - Texas Instruments ADS1210_15 Datasheet HTML 18Page - Texas Instruments ADS1210_15 Datasheet HTML 19Page - Texas Instruments ADS1210_15 Datasheet HTML 20Page - Texas Instruments ADS1210_15 Datasheet HTML 21Page - Texas Instruments ADS1210_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
ADS1210, ADS1211
18
SBAS034B
www.ti.com
ADS1210
A
INP
A
INN
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD
XTAL
C
1
12pF
DV
DD
GND
DGND
DGND
DGND
R
1
3k
R
2
3k
R
4
1k
R
3
1k
C
2
12pF
±10V
±10V
AV
DD
AGND
DV
DD
1.0
µF
FIGURE 12.
±10V Input Configuration Using V
BIAS.
The circuitry which generates the +2.5V reference can be
disabled via the Command Register and will result in a lower
power dissipation. The reference circuitry consumes a little over
1.6mA of current with no external load. When the ADS1210/11
is in its default state, the internal reference is enabled.
V
BIAS
The VBIAS output voltage is dependent on the reference input
(REFIN) voltage and is approximately 1.33 times as great.
This output is used to bias input signals such that bipolar
signals with spans of greater than 5V can be scaled to match
the input range of the ADS1210/11. Figure 12 shows a
connection diagram which will allow the ADS1210/11 to
accept a
±10V input signal (40V full-scale range).
This method of scaling and offsetting the
±20V differential
input signal will be a concern for those requiring minimum
power dissipation. VBIAS will supply 1.68mA for every chan-
nel connected as shown. For the ADS1211, the current draw
is within the specifications for VBIAS, but, at 12mW, the
power dissipation is significant. If this is a concern, resistors
R1 and R2 can be set to 9kΩ and R3 and R4 to 3kΩ. This will
reduce power dissipation by one-third. In addition, these
resistors can also be set to values which will provide any
arbitrary input range. In all cases, the maximum current into
or out of VBIAS should not exceed its specification of 10mA.
Note that the connection diagram shown in Figure 12 causes
a constant amount of current to be sourced by VBIAS. This
will be very important in higher resolution designs as the
voltage at VBIAS will not change with loading, as the load is
constant. However, if the input signal is single-ended and one
side of the input is grounded, the load will not be constant and
VBIAS will change slightly with the input signal. Also, in all
cases, note that noise on VBIAS introduces a common-mode
error signal which is rejected by the converter.
The 3k resistors should not be used as part of an anti-alias
filter with a capacitor across the inputs. The ADS1210
samples charge from the capacitor which has the effect of
introducing an offset in the measurement. This might be
acceptable for relative differential measurements.
The circuitry to generate VBIAS is disabled when the
ADS1210/11 is in its default state, and it must be enabled,
via the Command Register, in order for the VBIAS voltage to
be present. When enabled, the VBIAS circuitry consumes
approximately 1mA with no external load.
On power-up, external signals may be present before VBIAS
is enabled. This can create a situation in which a negative
voltage is applied to the analog inputs (–2.5V for the circuit
shown in Figure 12), reverse biasing the negative input
protection diode. This situation should not be a problem as
long as the resistors R1 and R2 limit the current being
sourced by each analog input to under 10mA (a potential of
0V at the analog input pin should be used in the calculation).
DIGITAL OPERATION
SYSTEM CONFIGURATION
The Micro Controller (MC) consists of an ALU and a
register bank. The MC has two states: power-on reset and
convert. In the power-on reset state, the MC resets all the
registers to their default state, sets up the modulator to a
stable state, and performs self-calibration at a 850Hz data
rate. After this, it enters the convert mode, which is the
normal mode of operation for the ADS1210/11.
The ADS1210/11 has 5 internal registers, as shown in Table
VII. Two of these, the Instruction Register and the Com-
mand Register, control the operation of the converter. The
Data Output Register (DOR) contains the result from the
most recent conversion. The Offset and Full-Scale Calibra-
tion Registers (OCR and FCR) contain data used for correct-
ing the internal conversion result before it is placed into the
DOR. The data in these two registers may be the result of a
calibration routine, or they may be values which have been
written directly via the serial interface.
TABLE VII. ADS1210/11 Registers.
INSR
Instruction Register
8 Bits
DOR
Data Output Register
24 Bits
CMR
Command Register
32 Bits
OCR
Offset Calibration Register
24 Bits
FCR
Full-Scale Calibration Register
24 Bits
Communication with the ADS1210/11 is controlled via the
Instruction Register (INSR). Under normal operation, the INSR
is written as the first part of each serial communication. The
instruction that is sent determines what type of communication
will occur next. It is not possible to read the INSR.


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Texas Instruments
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWTG4 TI1-ADS1242IPWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz