Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS1210 Datasheet(PDF) 19 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 15Page - Texas Instruments ADS1210_15 Datasheet HTML 16Page - Texas Instruments ADS1210_15 Datasheet HTML 17Page - Texas Instruments ADS1210_15 Datasheet HTML 18Page - Texas Instruments ADS1210_15 Datasheet HTML 19Page - Texas Instruments ADS1210_15 Datasheet HTML 20Page - Texas Instruments ADS1210_15 Datasheet HTML 21Page - Texas Instruments ADS1210_15 Datasheet HTML 22Page - Texas Instruments ADS1210_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
ADS1210, ADS1211
19
SBAS034B
www.ti.com
The Command Register (CMR) controls all of the ADS1210/
11’s options and operating modes. These include the PGA
gain setting, the Turbo Mode Rate, the output data rate
(decimation ratio), etc. The CMR is the only 32-bit register
within the ADS1210/11. It, and all the remaining registers,
may be read from or written to.
Instruction Register (INSR)
The INSR is an 8-bit register which commands the serial
interface either to read or to write “n” bytes beginning at the
specified register location. Table VIII shows the format for
the INSR.
Each serial communication starts with the 8-bits of the INSR
being sent to the ADS1210/11. This directs the remainder of
the communication cycle, which consists of n bytes being
read from or written to the ADS1210/11. The read/write bit,
the number of bytes n, and the starting register address are
defined, as shown in Table VIII. When the n bytes have been
transferred, the INSR is complete. A new communication
cycle is initiated by sending a new INSR (under restrictions
outlined in the Interfacing section).
Command Register (CMR)
The CMR controls all of the functionality of the ADS1210/
11. The new configuration takes effect on the negative
transition of SCLK for the last bit in each byte of data being
written to the command register. The organization of the
CMR is shown in Table X.
The internal reference circuitry consumes approximately
1.6mA of steady state current with no external load. See the
Reference Output section for full details on the internal
reference.
TABLE VIII. Instruction Register.
R/W (Read/Write) Bit—For a write operation to occur, this
bit of the INSR must be 0. For a read, this bit must be 1, as
follows:
MB1, MB0 (Multiple Bytes) Bits—These two bits are used
to control the word length (number of bytes) of the read or
write operation, as follows:
A3-A0 (Address) Bits—These four bits select the begin-
ning register location which will be read from or written to,
as shown in Table IX. Each subsequent byte will be read
from or written to the next higher location. (If the BD bit in
the Command Register is set, each subsequent byte will be
read from the next lower location. This bit does not affect the
write operation.) If the next location is not defined in Table
IX, then the results are unknown. Reading or writing contin-
ues until the number of bytes specified by MB1 and MB0
have been transferred.
A3
A2
A1
A0
REGISTER BYTE
0000
Data Output Register Byte 2 (MSB)
0001
Data Output Register Byte 1
0010
Data Output Register Byte 0 (LSB)
0100
Command Register Byte 3 (MSB)
0101
Command Register Byte 2
0110
Command Register Byte 1
0111
Command Register Byte 0 (LSB)
1000
Offset Cal Register Byte 2 (MSB)
1001
Offset Cal Register Byte 1
1010
Offset Cal Register Byte 0 (LSB)
1100
Full-Scale Cal Register Byte 2 (MSB)
1101
Full-Scale Cal Register Byte 1
1110
Full-Scale Cal Register Byte 0 (LSB)
Note: MSB = Most Significant Byte, LSB = Least Significant Byte
R/W
0
Write
1
Read
MB1
MB0
0
0
1 Byte
0
1
2 Bytes
1
0
3 Bytes
1
1
4 Bytes
TABLE IX. A3-A0 Addressing.
MSB
LSB
R/W
MB1
MB0
0
A3
A2
A1
A0
The VBIAS circuitry consumes approximately 1mA of steady
state current with no external load. See the VBIAS section for
full details. When the internal reference (REFOUT) is con-
nected to the reference input (REFIN), VBIAS is 3.3V, nominal.
REFO (Reference Output) Bit—The REFO bit controls
the internal reference (REFOUT) state, either on (2.5V) or off
(disabled), as follows:
REFO
INTERNAL REFERENCE
REFOUT STATUS
0
Off
High Impedance
1
On
2.5V
Default
BIAS (Bias Voltage) Bit—The BIAS bit controls the VBIAS
output state—either on (1.33 • REFIN) or off (disabled), as
follows:
BIAS
VBIAS GENERATOR
VBIAS STATUS
0
Off
Disabled
Default
1On
1.33•REFIN
Most Significant Bit
Byte 3
DSYNC(1)
BIAS REFO
DF
U/B
BD
MSB
SDL
DRDY
0 Off
1 On
0 Two’s 0 Biplr 0 MSByte 0 MSB 0 SDIO
0
Defaults
NOTE: (1) DSYNC is Write only, DRDY is Read only.
Byte 2
MD2
MD1
MD0
G2
G1
G0
CH1
CH0
000 Normal Mode
000 Gain 1
00 Channel 1
Defaults
Byte 1
SF2
SF1
SF0
DR12
DR11
DR10
DR9
DR8
000 Turbo Mode Rate of 1
00000
Defaults
Byte 0
Least Significant Bit
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
(00000) 0001 0110 (22) Data Rate of 849Hz
Defaults
TABLE X. Organization of the Command Register and
Default Status.


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Texas Instruments
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWTG4 TI1-ADS1242IPWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz