Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS1210 Datasheet(PDF) 22 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 18Page - Texas Instruments ADS1210_15 Datasheet HTML 19Page - Texas Instruments ADS1210_15 Datasheet HTML 20Page - Texas Instruments ADS1210_15 Datasheet HTML 21Page - Texas Instruments ADS1210_15 Datasheet HTML 22Page - Texas Instruments ADS1210_15 Datasheet HTML 23Page - Texas Instruments ADS1210_15 Datasheet HTML 24Page - Texas Instruments ADS1210_15 Datasheet HTML 25Page - Texas Instruments ADS1210_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
ADS1210, ADS1211
22
SBAS034B
www.ti.com
Offset Calibration Register (OCR)
The OCR is a 24-bit register which contains the offset
correction factor that is applied to the conversion result before
it is placed in the Data Output Register (see Table XIII). In
most applications, the contents of this register will be the
result of either a self-calibration or a system calibration.
The OCR is both readable and writeable via the serial
interface. For applications requiring a more accurate offset
calibration, multiple calibrations can be performed, each
resulting OCR value read, the results averaged, and a more
precise offset calibration value written back to the OCR.
The actual OCR value will change from part-to-part and
with configuration, temperature, and power supply. Thus,
the actual OCR value for any arbitrary situation cannot be
accurately predicted. That is, a given system offset could not
be corrected simply by measuring the error externally, com-
puting a correction factor, and writing that value to the OCR.
In addition, be aware that the contents of the OCR are not
used to directly correct the conversion result. Rather, the
correction is a function of the OCR value. This function is
linear and two known points can be used as a basis for
interpolating intermediate values for the OCR. Consult the
Calibration section for more details.
Most Significant Bit
Byte 2
OCR23
OCR22
OCR21
OCR20
OCR19
OCR18
OCR17
OCR16
Byte 1
OCR15
OCR14
OCR13
OCR12
OCR11
OCR10
OCR9
OCR8
Byte 0
Least Significant Bit
OCR7
OCR6
OCR5
OCR4
OCR3
OCR2
OCR1
OCR0
TABLE XIII. Offset Calibration Register.
The contents of the OCR are in Two’s Complement format.
This is not affected by the DF bit in the Command Register.
Full-Scale Calibration Register (FCR)
The FCR is a 24-bit register which contains the full-scale
correction factor that is applied to the conversion result before
it is placed in the Data Output Register (see Table XIV). In
most applications, the contents of this register will be the
result of either a self-calibration or a system calibration.
TABLE XIV. Full-Scale Calibration Register.
Most Significant Bit
Byte 2
FSR23
FSR22
FSR21
FSR20
FSR19
FSR18
FSR17
FSR16
Byte 1
FSR15
FSR14
FSR13
FSR12
FSR11
FSR10
FSR9
FSR8
Byte 0
Least Significant Bit
FSR7
FSR6
FSR5
FSR4
FSR3
FSR2
FSR1
FSR0
The FCR is both readable and writable via the serial inter-
face. For applications requiring a more accurate full-scale
calibration, multiple calibrations can be performed, each
resulting FCR value read, the results averaged, and a more
precise calibration value written back to the FCR.
The actual FCR value will change from part-to-part and
with configuration, temperature, and power supply. Thus,
the actual FCR value for any arbitrary situation cannot be
accurately predicted. That is, a given system full-scale error
cannot be corrected simply by measuring the error exter-
nally, computing a correction factor, and writing that value
to the FCR. In addition, be aware that the contents of the
FCR are not used to directly correct the conversion result.
Rather, the correction is a function of the FCR value. This
function is linear and two known points can be used as a
basis for interpolating intermediate values for the FCR.
Consult the Calibration section for more details. The con-
tents of the FCR are in unsigned binary format. This is not
affected by the DF bit in the Command Register.
TIMING
Table XV and Figures 13 through 21 define the basic digital
timing characteristics of the ADS1210/11. Figure 13 and the
associated timing symbols apply to the XIN input signal.
Figures 14 through 20 and associated timing symbols apply
to the serial interface signals (SCLK, SDIO, SDOUT, and
CS) and their relationship to DRDY. The serial interface is
discussed in detail in the Serial Interface section. Figure 21
and the associated timing symbols apply to the maximum
DRDY rise and fall times.
FIGURE 13. XIN Clock Timing.
t
XIN
t
2
X
IN
t
3
FIGURE 14. Serial Input/Output Timing, Master Mode.
FIGURE 15. Serial Input/Output Timing, Slave Mode.
t
10
t
11
t
12
t
14
t
13
t
15
SCLK
(External)
SDIO
(as input)
SDOUT
(or SDlO
as output)
t
4
t
5
t
6
t
8
t
7
t
9
SCLK
(Internal)
SDIO
(as input)
SDOUT
(or SDlO
as output)


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Texas Instruments
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWTG4 TI1-ADS1242IPWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz