Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1210 Datasheet(PDF) 26 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 22Page - Texas Instruments ADS1210_15 Datasheet HTML 23Page - Texas Instruments ADS1210_15 Datasheet HTML 24Page - Texas Instruments ADS1210_15 Datasheet HTML 25Page - Texas Instruments ADS1210_15 Datasheet HTML 26Page - Texas Instruments ADS1210_15 Datasheet HTML 27Page - Texas Instruments ADS1210_15 Datasheet HTML 28Page - Texas Instruments ADS1210_15 Datasheet HTML 29Page - Texas Instruments ADS1210_15 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
ADS1210, ADS1211
26
SBAS034B
www.ti.com
Synchronizing Multiple Converters
A negative going pulse on DSYNC can be used to synchro-
nize multiple ADS1210/11s. This assumes that each
ADS1210/11 is driven from the same master clock and is set
to the same Decimation Ratio and Turbo Mode Rate. The
effect that this signal has on data output timing in general is
discussed in the Serial Interface section.
The concern here is what happens if the DSYNC input is
completely asynchronous to this master clock. If the DSYNC
input rises at a critical point in relation to the master clock
input, then some ADS1210/11s may start-up one XIN clock
cycle before the others. Thus, the output data will be syn-
chronized, but only to within one XIN clock cycle.
For many applications, this will be more than adequate. In
these cases, the timing symbols which relate the DSYNC
signal to the XIN signal can be ignored. For other multiple-
converter applications, this one XIN clock cycle difference
could be a problem. These types of applications would
include using the DRDY and/or the SCLK output from one
ADS1210/11 as the “master” signal for all converters.
To ensure exact synchronization to the same XIN edge, the
timing relationship between the DSYNC and XIN signals,
as shown in Figure 22, must be observed. Figure 23 shows
a simple circuit which can be used to clock multiple
ADS1210/11s from one ADS1210/11, as well as to ensure
that an asynchronous DSYNC signal will exactly synchro-
nize all the converters.
FIGURE 22. DSYNC to XIN Timing for Synchronizing
Mutliple ADS1210/11s.
SERIAL INTERFACE
The ADS1210/11 includes a flexible serial interface which
can be connected to microcontrollers and digital signal
processors in a variety of ways. Along with this flexibility,
there is also a good deal of complexity. This section de-
scribes the trade-offs between the different types of interfac-
ing methods in a top-down approach—starting with the
overall flow and control of serial data, moving to specific
interface examples, and then providing information on vari-
ous issues related to the serial interface.
Multiple Instructions
The general timing diagrams which appear throughout this
data sheet show serial communication to and from the
ADS1210/11 occurring during the DRDY LOW period (see
Figures 4 through 10 and Figure 36). This communication
represents one instruction that is executed by the ADS1210/
11, resulting in a single read or write of register data.
However, more than one instruction can be executed by the
ADS1210/11 during any given conversion period (see Fig-
ure 24). Note that DRDY remains HIGH during the subse-
quent instructions. There are several important restrictions
on how and when multiple instructions can be issued during
any one conversion period.
DRDY
Serial
I/O
12 • t
XIN
Internal
Update of DOR
FIGURE 24. Timing of Data Output Register Update.
The first restriction is that the converter must be in the Slave
Mode. There is no provision for multiple instructions when
the ADS1210/11 is operating in the Master Mode. The
second is that some instructions will produce invalid results
if started at the end of one conversion period and carried into
the start of the next conversion period.
FIGURE 23. Exactly Synchronizing Multiple ADS1210/11s to an Asynchronous DSYNC Signal.
t
33
t
34
t
35
X
IN
DSYNC
C
2
12pF
C
1
12pF
XTAL
DSYNC
X
IN
X
OUT
DGND
ADS1210/11
SDOUT
SDIO
SCLK
DV
DD
D
CLK
1/2 74AHC74
1/6 74AHC04
Q
Q
DSYNC
X
IN
X
OUT
DGND
ADS1210/11
SDOUT
SDIO
SCLK
DV
DD
DSYNC
X
IN
X
OUT
DGND
ADS1210/11
SDOUT
SDIO
SCLK
DV
DD
Asynchronous
DSYNC
Strobe
DGND


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com