Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1210 Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 24Page - Texas Instruments ADS1210_15 Datasheet HTML 25Page - Texas Instruments ADS1210_15 Datasheet HTML 26Page - Texas Instruments ADS1210_15 Datasheet HTML 27Page - Texas Instruments ADS1210_15 Datasheet HTML 28Page - Texas Instruments ADS1210_15 Datasheet HTML 29Page - Texas Instruments ADS1210_15 Datasheet HTML 30Page - Texas Instruments ADS1210_15 Datasheet HTML 31Page - Texas Instruments ADS1210_15 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
ADS1210, ADS1211
28
SBAS034B
www.ti.com
Start
Writing
ADS1210/11
drives DRDY LOW
CS
state
External device
generates 8
serial clock cycles
and transmits
instruction register
data via SDIO
External device
generates n
serial clock cycles
and transmits
specified
register data
via SDIO
ADS1210/11
drives DRDY HIGH
End
External device generates
8 serial clock cycles
and receives
instruction register
data via SDIO
External device generates
n serial clock cycles
and transmits
specified register
data via SDOUT
End
Start
Reading
ADS1210/11
drives DRDY LOW
CS
state
Continuous
Read
Mode?
ADS1210/11
drives DRDY HIGH
SDOUT returns to
tri-state condition
SDOUT becomes
active
Use
SDIO for
output?
LOW
HIGH
No
Yes
LOW
No
Yes
External device generates
n serial clock cycles
and receives
specified register
data via SDIO
SDIO transitions to
tri-state condition
SDIO input to
output transition
More
Instructions?
No
Yes
Is Next
Instruction
a Read?
To Read
Flowchart
From Read
Flowchart
CS taken HIGH
for 10.5 t
periods
minimum (see text
if CS tied LOW).
CS
state
HIGH
More
Instructions?
No
Is Next
Instruction
a Write?
To Write
Flowchart
Yes
See text
for restrictions
Yes
To Write
Flowchart
CS taken HIGH
for 10.5 t
periods
minimum (see text
if CS tied LOW).
CS
state
LOW
HIGH
No
See text
for restrictions
Yes
No
LOW
HIGH
FIGURE 26. Flowchart for Writing and Reading Register Data, Slave Mode.
XIN
XIN
transmits


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com