Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS1210 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1210_15 Datasheet HTML 1Page - Texas Instruments ADS1210_15 Datasheet HTML 2Page - Texas Instruments ADS1210_15 Datasheet HTML 3Page - Texas Instruments ADS1210_15 Datasheet HTML 4Page - Texas Instruments ADS1210_15 Datasheet HTML 5Page - Texas Instruments ADS1210_15 Datasheet HTML 6Page - Texas Instruments ADS1210_15 Datasheet HTML 7Page - Texas Instruments ADS1210_15 Datasheet HTML 8Page - Texas Instruments ADS1210_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ADS1210, ADS1211
3
SBAS034B
www.ti.com
POWER SUPPLY REQUIREMENTS
Power Supply Voltage
4.75
5.25
V
Power Supply Current:
Analog Current
2mA
Digital Current
3.5
mA
Additional Analog Current with
REFOUT Enabled
1.6
mA
VBIAS Enabled
No Load
1
mA
Power Dissipation
26
40
mW
TMR of 16
37
60
mW
fXIN = 2.5MHz
17
mW
fXIN = 2.5MHz, TMR of 16
27
mW
Sleep Mode
11
mW
TEMPERATURE RANGE
Specified
–40
+85
°C
Storage
–60
+125
°C
NOTES: (1) In order to achieve the converter’s full-scale range, the input must be fully differential (AINN = 2 • REFIN – AINP). If the input is single-ended (AINN or
AINP is fixed), then the full-scale range is one-half that of the differential range. (2) This range is set with external resistors and VBIAS (as described in the text).
Other ranges are possible. (3) Input impedance is higher with lower fXIN. (4) Applies after calibration. (5) After system calibration, these errors will be of the order
of the effective resolution of the converter. Refer to the Typical Performance Curves which apply to the desired mode of operation. (6) Recalibration can remove
these errors. (7) The specification also applies at fDATA /i, where i is 2, 3, 4, etc. (8) Voltages at the analog inputs must remain within AGND to AVDD. (9) The common-
mode rejection test is performed with a 100mV differential input.
SPECIFICATIONS (CONT)
ADS1210U, P/ADS1211U, P, E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information,
see the Package Option Addendum located at the end of
this data sheet.
Analog Input: Current ................................................
±100mA, Momentary
±10mA, Continuous
Voltage ................................... AGND –0.3V to AVDD +0.3V
AVDD to DVDD ........................................................................... –0.3V to 6V
AVDD to AGND ......................................................................... –0.3V to 6V
DVDD to DGND ......................................................................... –0.3V to 6V
AGND to DGND ................................................................................
±0.3V
REFIN Voltage to AGND ............................................ –0.3V to AVDD +0.3V
Digital Input Voltage to DGND .................................. –0.3V to DVDD +0.3V
Digital Output Voltage to DGND ............................... –0.3V to DVDD +0.3V
Lead Temperature (soldering, 10s) .............................................. +300
°C
Power Dissipation (Any package) .................................................. 500mW
ABSOLUTE MAXIMUM RATINGS
All specifications TMIN to TMAX, AVDD = DVDD = +5V, fXIN = 10MHz, programmable gain amplifier setting of 1, Turbo Mode Rate of 1, REFOUT disabled,VBIAS disabled,
and external 2.5V reference, unless otherwise specified.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Texas Instruments
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWTG4 TI1-ADS1242IPWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz