Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS1210 Datasheet(PDF) 32 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 28Page - Texas Instruments ADS1210_15 Datasheet HTML 29Page - Texas Instruments ADS1210_15 Datasheet HTML 30Page - Texas Instruments ADS1210_15 Datasheet HTML 31Page - Texas Instruments ADS1210_15 Datasheet HTML 32Page - Texas Instruments ADS1210_15 Datasheet HTML 33Page - Texas Instruments ADS1210_15 Datasheet HTML 34Page - Texas Instruments ADS1210_15 Datasheet HTML 35Page - Texas Instruments ADS1210_15 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
ADS1210, ADS1211
32
SBAS034B
www.ti.com
Four-Wire Interface
Figure 30 shows a four-wire interface with a 8xC32 micro-
processor. Again, the Slave Mode is being used.
Multi-Wire Interface
Figures 31 and 32 show multi-wire interfaces with a 8xC51
or 68HC11 microprocessor. In these interfaces, the mode of
the ADS1210/11 is actually controlled dynamically. This
could be extremely useful when the ADS1210/11 is to be
used in a wide variety of ways. For example, it might be
desirable to have the ADS1210/11 produce data at a steady
rate and to have the converter operating in the Continuous
Read Mode. But for system calibration, the Slave Mode
might be preferred because multiple instructions can be
issued per conversion period.
Note that the MODE input should not be changed in the
middle of a serial transfer. This could result in misoperation
of the device. A Master/Slave Mode change will not affect
the output data.
Note that the XIN input can also be controlled. It is possible
with some microcontrollers and digital signal processors to
produce a continuous serial clock, which could be connected
to the XIN input. The frequency of the clock is often settable
over some range. Thus, the power dissipation of the
ADS1210/11 could be dynamically varied by changing both
the Turbo Mode and XIN input, trading off conversion speed
and resolution for power consumption.
I/O Recovery
If serial communication stops during an instruction or data
transfer for longer than 4 • tDATA, the ADS1210/11 will reset
its serial interface. This will not affect the internal registers.
The main controller must not continue the transfer after this
event, but must restart the transfer from the beginning.
This feature is very useful if the main controller can be reset
at any point. After reset, simply wait 8 • tDATA before
starting serial communication.
FIGURE 31. Full Interface with a 8xC51 Microprocessor.
FIGURE 30. Four-Wire Interface with a 8xC32 Microprocessor.
ADS1210
A
INP
A
INN
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
V
CC
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
8xC51
C
2
12pF
C
1
12pF
XTAL
AGND
DGND
AV
DD
DV
DD
DGND
AGND
1.0µF
R
1
10k
R
2
10k
ADS1210
A
INP
A
INN
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RESET
RXD
TXD
INT0
INT1
WR
RD
X2
X1
V
SS
8xC32
C
2
27pF
C
1
27pF
DV
DD
AGND
DGND
DGND
AV
DD
DV
DD
D
CLK
Q
Q
D
CLK
Q
Q
1/2 74HC74
1/2 74HC74
XTAL
AGND
1.0
µF
R
1
10k


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Texas Instruments
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWTG4 TI1-ADS1242IPWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com