Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1210 Datasheet(PDF) 34 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 30Page - Texas Instruments ADS1210_15 Datasheet HTML 31Page - Texas Instruments ADS1210_15 Datasheet HTML 32Page - Texas Instruments ADS1210_15 Datasheet HTML 33Page - Texas Instruments ADS1210_15 Datasheet HTML 34Page - Texas Instruments ADS1210_15 Datasheet HTML 35Page - Texas Instruments ADS1210_15 Datasheet HTML 36Page - Texas Instruments ADS1210_15 Datasheet HTML 37Page - Texas Instruments ADS1210_15 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
ADS1210, ADS1211
34
SBAS034B
www.ti.com
ADS1211U, P
A
IN3N
A
IN2P
A
IN2N
A
IN1P
A
IN1N
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
A
IN3P
A
IN4N
A
IN4P
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD
AV
DD
+5V
+5V
V
OL
0V
V
OL
+5V
R
1
49.9k
C
2
12pF
C
1
12pF
DGND
XTAL
DGND
REF1004
+2.5V
0V
+5V
P1
2k
1.0µF
+5V
ADS1211U, P
A
IN3N
A
IN2P
A
IN2N
A
IN1P
A
IN1N
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
A
IN3P
A
IN4N
A
IN4P
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD
1.0µF
AV
DD
+5V
+5V
+5V
0V
+5V
R
1
49.9k
C
2
12pF
C
1
12pF
XTAL
DGND
DGND
REF1004
+2.5V
+5V
V
OH
V
OH
P1
2k
+5V
DRDY A
DRDY B
DRDY C
DSYNC
t
DATA
t
DATA
t
DATA
t
DATA
voltage is 5V and the output format is Offset Binary
(FFFFFFH). For sink current, the worst-case condition oc-
curs when the analog input differential voltage is 0V and the
output format is Two’s Complement (000000H).
Note that SDOUT is tri-stated for the majority of the
conversion period and the opto-isolator connection must
take this into account.
Synchronization of Multiple Converters
The DSYNC input is used to synchronize the output data of
multiple ADS1210/11s. Synchronization involves configur-
ing each ADS1210/11 to the same Decimation Ratio and
Turbo Mode setting, and providing a common signal to the
XIN inputs. Then, the DSYNC signal is pulsed LOW (see
Figure 22 in the Timing section). This results in an internal
reset of the modulator count for the current conversion.
Thus, all the converters start counting from zero at the same
time, producing a DRDY LOW signal at approximately the
same point (see Figure 36).
Note that an asynchronous DSYNC input may cause mul-
tiple converters to be different from one another by one XIN
clock cycle. This should not be a concern for most applica-
tions. However, the Timing section contains information on
exactly synchronizing multiple converters to the same XIN
clock cycle.
FIGURE 36. Effect of Synchronization on Output Data
Timing.
FIGURE 35. Sink Current vs VOL for SDOUT Under Worst-Case Conditions.
30
25
20
15
10
5
0
SINK CURRENT
V
OL (V)
01
2
3
4
5
25°C
85°C
–40°C
FIGURE 34. Source Current vs VOH for SDOUT Under Worst-Case Conditions.
30
25
20
15
10
5
0
SOURCE CURRENT
V
OH (V)
02
13
4
5
25°C
85°C
–40°C


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com