Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1210 Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza ADS1210
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1210_15 Datasheet HTML 8Page - Texas Instruments ADS1210_15 Datasheet HTML 9Page - Texas Instruments ADS1210_15 Datasheet HTML 10Page - Texas Instruments ADS1210_15 Datasheet HTML 11Page - Texas Instruments ADS1210_15 Datasheet HTML 12Page - Texas Instruments ADS1210_15 Datasheet HTML 13Page - Texas Instruments ADS1210_15 Datasheet HTML 14Page - Texas Instruments ADS1210_15 Datasheet HTML 15Page - Texas Instruments ADS1210_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
ADS1210, ADS1211
12
SBAS034B
www.ti.com
Filter Equation
The digital filter is described by the following transfer
function:
where N is the Decimation Ratio.
This filter has a (sin(x)/x)3 response and is referred to a sinc3
filter. For the ADS1210/11, this type of filter allows the data
rate to be changed over a very wide range (nearly four orders
of magnitude). However, the –3dB point of the filter is 0.262
times the data rate. And, as can be seen in Figures 1 and 2,
the rejection in the stopband (frequencies higher than the
first notch frequency) may only be –40dB.
These factors must be considered in the overall system
design. For example, with a 50Hz data rate, a significant
signal at 75Hz may alias back into the passband at 25Hz.
The analog front end can be designed to provide the needed
attenuation to prevent aliasing, or the system may simply
provide this inherently. Another possibility is increasing the
data rate and then post filtering with a digital filter on the
main controller.
Filter Settling
The number of modulator results used to compute each
conversion result is three times the Decimation Ratio. This
means that any step change (or any channel change for the
ADS1211) will require at least three conversions to fully
settle. However, if the change occurs asynchronously, then at
least four conversions are required to ensure complete set-
tling. For example, on the ADS1211, the fourth conversion
result after a channel change will be valid (see Figure 4).
|H (f ) |
=
sin
π• f • N
f
MOD


N
• sin π•
f
f
MOD


3
the effective resolution of the output data at a given data rate,
but there is also an increase in power dissipation. For Turbo
Mode Rates 2 and 4, the increase is slight. For rates 8 and
16, the increase is more substantial. See the Typical Perfor-
mance Curves for more information.
In a Turbo Mode Rate of 16, the ADS1210/11 can offer 20
bits of effective resolution at a 1kHz data rate. A comparison
of effective resolution versus Turbo Mode Rates and output
data rates is shown in Table IV while Table V shows the
corresponding noise level in
µVrms.
TURBO MODE
The ADS1210/11 offers a unique Turbo Mode feature which
can be used to increase the modulator sampling rate by 2, 4,
8, or 16 times normal. With the increase of modulator
sampling frequency, there can be a substantial increase in
DATA
TURBO
TURBO
TURBO
TURBO
TURBO
RATE
MODE
MODE
MODE
MODE
MODE
(HZ)
RATE 1
RATE 2
RATE 4
RATE 8
RATE 16
10
21.5
22.0
22.5
20
21.0
22.0
22.0
22.5
40
20.0
21.5
22.0
22.5
23.0
50
20.0
21.5
21.5
22.0
23.0
60
19.5
21.0
21.5
22.0
23.0
100
18.0
20.0
21.0
21.5
22.5
1000
10.0
12.5
15.0
17.5
20.0
EFFECTIVE RESOLUTION (BITS RMS)
TABLE IV. Effective Resolution vs Data Rate and Turbo Mode
Rate. (Gain setting of 1 and 10MHz clock.)
DATA
TURBO
TURBO
TURBO
TURBO
TURBO
RATE
MODE
MODE
MODE
MODE
MODE
(Hz)
RATE 1
RATE 2
RATE 4
RATE 8
RATE 16
10
2.9
1.7
1.3
20
4.3
2.1
1.7
1.3
40
6.9
3.0
2.3
1.6
1.0
50
8.1
3.2
2.4
1.8
1.0
60
10.5
3.9
2.6
1.9
1.0
100
26.9
6.9
3.5
2.7
1.4
1000
6909.7
1354.5
238.4
46.6
7.8
TABLE V. Noise Level vs Data Rate and Turbo Mode Rate.
(Gain setting of 1 and 10MHz clock.)
NOISE LEVEL (
µVrms)
The Turbo Mode feature allows trade-offs to be made
between the ADS1210/11 XIN clock frequency, power dissi-
pation, and effective resolution. If a 5MHz clock is available
but a 10MHz clock is needed to achieve the desired perfor-
mance, a Turbo Mode Rate of 2X will result in the same
effective resolution. Table VI provides a comparison of
effective resolution at various clock frequencies, data rates,
and Turbo Mode Rates.
DATA
XIN CLOCK
TURBO
EFFECTIVE
RATE
FREQUENCY
MODE
RESOLUTION
(Hz)
(MHz)
RATE
(Bits rms)
60
10
1
19.5
60
5
2
19.5
60
2.5
4
19.5
60
1.25
8
19.5
60
0.625
16
19.5
100
10
1
18.0
100
5
2
18.0
100
2.5
4
18.0
100
1.25
8
18.0
100
0.625
16
18.0
TABLE VI. Effective Resolution vs Data Rate, Clock
Frequency, and Turbo Mode Rate. (Gain set-
ting of 1.)
FIGURE 4. Asynchronous ADS1210/11 Analog Input Volt-
age Step or ADS1211 Channel Change to Fully
Settled Output Data.
DRDY
Serial
I/O
Valid
Data
Valid
Data
Valid
Data
Valid
Data
Data
not
Valid
Data
not
Valid
Data
not
Valid
Significant Analog Input Change
or
ADS1211 Channel Change
t
DATA


Número de pieza similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1210U1K TI1-ADS1210U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U1KG4 TI1-ADS1210U1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_14 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com