Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1240 Datasheet(PDF) 14 Page - Texas Instruments

No. de pieza ADS1240
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1240 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1240_16 Datasheet HTML 10Page - Texas Instruments ADS1240_16 Datasheet HTML 11Page - Texas Instruments ADS1240_16 Datasheet HTML 12Page - Texas Instruments ADS1240_16 Datasheet HTML 13Page - Texas Instruments ADS1240_16 Datasheet HTML 14Page - Texas Instruments ADS1240_16 Datasheet HTML 15Page - Texas Instruments ADS1240_16 Datasheet HTML 16Page - Texas Instruments ADS1240_16 Datasheet HTML 17Page - Texas Instruments ADS1240_16 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
ADS1240, 1241
14
SBAS173F
www.ti.com
Data Continuous Mode (RDATAC) command should not be
issued when DIN and DOUT are connected. While in RDATAC
mode, DIN looks for the STOPC or RESET command. If
either of these 8-bit bytes appear on DOUT (which is con-
nected to DIN), the RDATAC mode ends.
DATA READY DRDY PIN
The DRDY line is used as a status signal to indicate when
data is ready to be read from the internal data register.
DRDY goes LOW when a new data word is available in the
DOR register. It is reset HIGH when a read operation from
the data register is complete. It also goes HIGH prior to the
updating of the output register to indicate when not to read
from the device to ensure that a data read is not attempted
while the register is being updated.
The status of DRDY can also be obtained by interrogating bit
7 of the ACR register (address 2H). The serial interface can
operate in 3-wire mode by tying the CS input LOW. In this
case, the SCLK, DIN, and DOUT lines are used to communi-
cate with the ADS1240 and ADS1241. This scheme is
suitable for interfacing to microcontrollers. If CS is required
as a decoding signal, it can be generated from a port bit of
the microcontroller.
DSYNC OPERATION
Synchronization can be achieved either through the DSYNC
pin or the DSYNC command. When the DSYNC pin is used,
the digital circuitry is reset on the falling edge of DSYNC.
While DSYNC is LOW, the serial interface is deactivated.
Reset is released when DSYNC is taken HIGH. Synchroni-
zation occurs on the next rising edge of the system clock
after DSYNC is taken HIGH.
When the DSYNC command is sent, the digital filter is reset
on the edge of the last SCLK of the DSYNC command. The
modulator is held in RESET until the next edge of SCLK is
detected. Synchronization occurs on the next rising edge of
the system clock after the first SCLK following the DSYNC
command.
POWER-UP—SUPPLY VOLTAGE RAMP RATE
The power-on reset circuitry was designed to accommodate
digital supply ramp rates as slow as 1V/10ms. To ensure
proper operation, the power supply should ramp monotoni-
cally.
RESET
The user can reset the registers to their default values in
three different ways: by asserting the RESET pin; by issuing
the RESET command; or by applying a special waveform on
the SCLK (the
SCLK Reset Waveform, as shown in the
Timing Diagram). Note: if both POL and SCLK pins are held
high, applying the SCLK Reset Waveform to the CS pin also
resets the part.
logic one or zero when configured as an input to prevent
excess current dissipation. If the pin is configured as an
output in the DIR register, then the corresponding DIO
register bit value determines the state of the output pin
(0 = AGND, 1 = AVDD).
It is still possible to perform A/D conversions on a pin
configured as data I/O. This may be useful as a test mode,
where the data I/O pin is driven and an A/D conversion is
done on the pin.
SERIAL PERIPHERAL INTERFACE
The Serial Peripheral Interface (SPI) allows a controller to
communicate synchronously with the ADS1240 and ADS1241.
The ADS1240 and ADS1241 operate in slave-only mode.
The serial interface is a standard four-wire SPI (CS , SCLK,
DIN and DOUT) interface that supports both serial clock
polarities (POL pin).
Chip Select (CS )
The chip select (CS ) input must be externally asserted
before communicating with the ADS1240 or ADS1241. CS
must stay LOW for the duration of the communication.
Whenever CS goes HIGH, the serial interface is reset. CS
may be hard-wired LOW.
Serial Clock (SCLK)
The serial clock (SCLK) features a Schmitt-triggered input
and is used to clock DIN and DOUT data. Make sure to have
a clean SCLK to prevent accidental double-shifting of the
data. If SCLK is not toggled within 3 DRDY pulses, the serial
interface resets on the next SCLK pulse and starts a new
communication cycle. A special pattern on SCLK resets the
entire chip; see the RESET section for additional information.
Clock Polarity (POL)
The clock polarity input (POL) controls the polarity of SCLK.
When POL is LOW, data is clocked on the falling edge of
SCLK and SCLK should be idled LOW. Likewise, when POL
is HIGH, the data is clocked on the rising edge of SCLK and
SCLK should be idled HIGH.
Data Input (DIN) and Data Output (DOUT)
The data input (DIN) and data output (DOUT) receive and send
data from the ADS1240 and ADS1241. DOUT is high imped-
ance when not in use to allow DIN and DOUT to be connected
together and driven by a bidirectional bus. Note: the Read
FIGURE 7. Analog/Data Interface Pin.
IOCON
A
INx/Dx
To Analog Mux
DIO WRITE
DIR
DIO READ


Número de pieza similar - ADS1240_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1240E1K TI1-ADS1240E1K Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E1KG4 TI1-ADS1240E1KG4 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1240_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com