Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1100A0IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1100A0IDBVR
Descripción Electrónicos  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1100A0IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  ADS1100A0IDBVR Datasheet HTML 1Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 2Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 3Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 4Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 5Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 6Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 7Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 8Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADS1100
2
SBAS239B
www.ti.com
VDD to GND ........................................................................... –0.3V to +6V
Input Current ............................................................... 100mA, Momentary
Input Current ................................................................. 10mA, Continuous
Voltage to GND, VIN+, VIN– .......................................................... –0.3V to VDD + 0.3V
Voltage to GND, SDA, SCL ..................................................... –0.5V to 6V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature .................................................. –40
°C to +125°C
Storage Temperature ...................................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
I2C ADDRESS
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS1100
1001 000
SOT23-6
DBV
–40
°C to +85°C
AD0
ADS1100A0IDBVT
Tape and Reel, 250
""
"
"
"
"
ADS1100A0IDBVR
Tape and Reel, 3000
ADS1100
1001 001
SOT23-6
DBV
–40
°C to +85°C
AD1
ADS1100A1IDBVT
Tape and Reel, 250
""
"
"
"
"
ADS1100A1IDBVR
Tape and Reel, 3000
ADS1100
1001 010
SOT23-6
DBV
–40
°C to +85°C
AD2
ADS1100A2IDBVT
Tape and Reel, 250
""
"
"
"
"
ADS1100A2IDBVR
Tape and Reel, 3000
ADS1100
1001 011
SOT23-6
DBV
–40
°C to +85°C
AD3
ADS1100A3IDBVT
Tape and Reel, 250
""
"
"
"
"
ADS1100A3IDBVR
Tape and Reel, 3000
ADS1100
1001 100
SOT23-6
DBV
–40
°C to +85°C
AD4
ADS1100A4IDBVT
Tape and Reel, 250
""
"
"
"
"
ADS1100A4IDBVR
Tape and Reel, 3000
ADS1100
1001 101
SOT23-6
DBV
–40
°C to +85°C
AD5
ADS1100A5IDBVT
Tape and Reel, 250
""
"
"
"
"
ADS1100A5IDBVR
Tape and Reel, 3000
ADS1100
1001 110
SOT23-6
DBV
–40
°C to +85°C
AD6
ADS1100A6IDBVT
Tape and Reel, 250
""
"
"
"
"
ADS1100A6IDBVR
Tape and Reel, 3000
ADS1100
1001 111
SOT23-6
DBV
–40
°C to +85°C
AD7
ADS1100A7IDBVT
Tape and Reel, 250
""
"
"
"
"
ADS1100A7IDBVR
Tape and Reel, 3000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
Top View
SOT23
PIN CONFIGURATION
NOTE: Marking text direction indicates pin 1. Marking text depends on I2C
address; see ordering table. Marking for I2C address 1001000 shown.
AD0
12
3
65
4
V
IN+ GND SCL
V
IN–
V
DD
SDA


Número de pieza similar - ADS1100A0IDBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1100A0IDBVR BURR-BROWN-ADS1100A0IDBVR Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100A0IDBVR TI1-ADS1100A0IDBVR Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100A0IDBVR TI1-ADS1100A0IDBVR Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A0IDBVRG4 TI1-ADS1100A0IDBVRG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
More results

Descripción similar - ADS1100A0IDBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com