Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1278-HT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1278-HT
Descripción Electrónicos  OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278-HT Datasheet(HTML) 5 Page - Texas Instruments

  ADS1278-HT Datasheet HTML 1Page - Texas Instruments ADS1278-HT Datasheet HTML 2Page - Texas Instruments ADS1278-HT Datasheet HTML 3Page - Texas Instruments ADS1278-HT Datasheet HTML 4Page - Texas Instruments ADS1278-HT Datasheet HTML 5Page - Texas Instruments ADS1278-HT Datasheet HTML 6Page - Texas Instruments ADS1278-HT Datasheet HTML 7Page - Texas Instruments ADS1278-HT Datasheet HTML 8Page - Texas Instruments ADS1278-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
ADS1278-HT
www.ti.com
SBAS447E – MARCH 2009 – REVISED APRIL 2013
Table 2. HFQ or HKP PIN DESCRIPTIONS
PIN NAME
FUNCTION
DESCRIPTION
AGND
Analog ground
Analog ground; connect to DGND using a single plane.
AINP1
Analog input
AINP2
Analog input
AINP3
Analog input
AINP4
Analog input
AINP[8:1] Positive analog input, channels 8 through 1.
AINP5
Analog input
AINP6
Analog input
AINP7
Analog input
AINP8
Analog input
AINN1
Analog input
AINN2
Analog input
AINN3
Analog input
AINN4
Analog input
AINN[8:1] Negative analog input, channels 8 through 1.
AINN5
Analog input
AINN6
Analog input
AINN7
Analog input
AINN8
Analog input
AVDD
Analog power supply
Analog power supply (4.75V to 5.25V).
VCOM
Analog output
AVDD/2 Unbuffered voltage output.
VREFN
Analog input
Negative reference input.
VREFP
Analog input
Positive reference input.
CLK
Digital input
Master clock input.
CLK input divider control:
1 = 32.768MHz (High-Speed mode only) / 27MHz
CLKDIV
Digital input
0 = 13.5MHz (low-power) / 5.4MHz (low-speed)
DGND
Digital ground
Digital ground power supply.
DIN
Digital input
Daisy-chain data input.
DOUT1
Digital output
DOUT1 is TDM data output (TDM mode).
DOUT2
Digital output
DOUT3
Digital output
DOUT4
Digital output
DOUT5
Digital output
DOUT[8:1] Data output for channels 8 through 1.
DOUT6
Digital output
DOUT7
Digital output
DOUT8
Digital output
DRDY/
Digital input/output
Frame-Sync protocol: frame clock input; SPI protocol: data ready output.
FSYNC
DVDD
Digital power supply
Digital core power supply (+1.65V to +1.95V).
FORMAT0
Digital input
FORMAT[2:0] Selects Frame-Sync/SPI protocol, TDM/discrete data outputs, fixed/dynamic
FORMAT1
Digital input
position TDM data, and modulator mode/normal operating mode.
FORMAT2
Digital input
IOVDD
Digital power supply
I/O power supply (+1.65V to +3.6V).
MODE0
Digital input
MODE[1:0] Selects High-Speed, High-Resolution, Low-Power, or Low-Speed mode operation.
MODE1
Digital input
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS1278-HT


Número de pieza similar - ADS1278-HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1278-HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com