Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5719 Datasheet(PDF) 1 Page - Advanced Semiconductor

No. de pieza 1N5719
Descripción Electrónicos  SILICON PIN DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASI [Advanced Semiconductor]
Página de inicio  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

1N5719 Datasheet(HTML) 1 Page - Advanced Semiconductor

  1N5719 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VBR
IR = 10
µA
150
V
CT
VR = 100 V
f = 1.0 MHz
0.3
pF
RS
IF = 100 mA
f = 100 MHz
1.25
ττττ
IF = 50 mA
IR = 250 mA
100
µµµµS
trr
VR = 10 V
f = 20 mA
100
µµµµS
SILICON PIN DIODE
1N5719
DESCRIPTION:
The
1N5719 is a Silicon PIN Diode
Designed for General Purpose
Attenuator and Switching Applications
from 100 MHz to 3 GHz.
MAXIMUM RATINGS
IF
100 mA
VR
150 V
PDISS
250 mW @ TA = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
0.7
OC/mW
PACKAGE STYLE 01


Número de pieza similar - 1N5719

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
1N5719 HP-1N5719 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
M/A-COM Technology Solu...
1N5719 MA-COM-1N5719 Datasheet
446Kb / 6P
   Multi Purpose Axial Leaded Glass PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
1N5719 AVAGO-1N5719 Datasheet
161Kb / 4P
   Large Dynamic Range
logo
New Jersey Semi-Conduct...
1N5719 NJSEMI-1N5719 Datasheet
41Kb / 1P
   Silicon PIN Diode
More results

Descripción similar - 1N5719

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com