Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC11378 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza 74AC11378
Descripción Electrónicos  HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11378 Datasheet(HTML) 7 Page - Texas Instruments

  74AC11378 Datasheet HTML 1Page - Texas Instruments 74AC11378 Datasheet HTML 2Page - Texas Instruments 74AC11378 Datasheet HTML 3Page - Texas Instruments 74AC11378 Datasheet HTML 4Page - Texas Instruments 74AC11378 Datasheet HTML 5Page - Texas Instruments 74AC11378 Datasheet HTML 6Page - Texas Instruments 74AC11378 Datasheet HTML 7Page - Texas Instruments 74AC11378 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74AC11378DW
OBSOLETE
SOIC
DW
20
TBD
Call TI
Call TI
74AC11378N
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
74AC11378N
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jun-2005
Addendum-Page 1


Número de pieza similar - 74AC11378

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AC11378 PHILIPS-74AC11378 Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
74AC11378D PHILIPS-74AC11378D Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
74AC11378DW PHILIPS-74AC11378DW Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
74AC11378N PHILIPS-74AC11378N Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
More results

Descripción similar - 74AC11378

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AC11378 PHILIPS-74AC11378 Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com