Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS801 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS801
Descripción Electrónicos  ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS801 Datasheet(HTML) 1 Page - Texas Instruments

  ADS801 Datasheet HTML 1Page - Texas Instruments ADS801 Datasheet HTML 2Page - Texas Instruments ADS801 Datasheet HTML 3Page - Texas Instruments ADS801 Datasheet HTML 4Page - Texas Instruments ADS801 Datasheet HTML 5Page - Texas Instruments ADS801 Datasheet HTML 6Page - Texas Instruments ADS801 Datasheet HTML 7Page - Texas Instruments ADS801 Datasheet HTML 8Page - Texas Instruments ADS801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
12-Bit, 25MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q NO MISSING CODES
q LOW POWER: 270mW
q INTERNAL REFERENCE
q WIDEBAND TRACK-AND-HOLD: 65MHz
q SINGLE +5V SUPPLY
DESCRIPTION
The ADS801 is a low-power, monolithic 12-bit, 25MHz Ana-
log-to-Digital (A/D) converter utilizing a small geometry CMOS
process. This complete converter includes a 12-bit quantizer,
wideband track-and-hold, reference, and three-state outputs.
It operates from a single +5V power supply and can be
configured to accept either single-ended or differential input
signals.
The ADS801 employs digital error correction to provide
excellent Nyquist differential linearity performance for de-
manding imaging applications. Its low distortion, high SNR,
and high oversampling capability give it the extra margin
needed for telecommunications, instrumentation, and video
applications.
This high-performance A/D converter is specified over tem-
perature for AC and DC performance at a 25MHz sampling
rate. The ADS820 is available in an SO-28 package.
APPLICATIONS
q IF AND BASEBAND DIGITIZATION
q DIGITAL COMMUNICATIONS
q TEST INSTRUMENTATION
q CCD IMAGING
Copiers
Scanners
Cameras
q VIDEO DIGITIZING
q GAMMA CAMERAS
Pipeline
A/D
Converter
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
12-Bit
Digital
Data
CLK
+1.25V
+3.25V
MSBI
OE
IN
IN
REFT
CM
REFB
ADS801
SBAS036B – MAY 1995 – REVISED FEBRUARY 2005
www.ti.com
Copyright © 1995-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
ADS8
01U
All trademarks are the property of their respective owners.


Número de pieza similar - ADS801

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS801E BURR-BROWN-ADS801E Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS801U BURR-BROWN-ADS801U Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS801

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com