Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS801U Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS801U
Descripción Electrónicos  ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS801U Datasheet(HTML) 5 Page - Texas Instruments

  ADS801U Datasheet HTML 1Page - Texas Instruments ADS801U Datasheet HTML 2Page - Texas Instruments ADS801U Datasheet HTML 3Page - Texas Instruments ADS801U Datasheet HTML 4Page - Texas Instruments ADS801U Datasheet HTML 5Page - Texas Instruments ADS801U Datasheet HTML 6Page - Texas Instruments ADS801U Datasheet HTML 7Page - Texas Instruments ADS801U Datasheet HTML 8Page - Texas Instruments ADS801U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADS801
5
SBAS036B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, Sampling Rate = 25MHz, and with a 50% duty cycle clock having a 2ns rise-and-fall time, unless otherwise noted.
SPECTRAL PERFORMANCE
0
Frequency (MHz)
2.5
5.0
7.5
10.0
12.5
0
–20
–40
–60
–80
–100
–120
f
IN = 500kHz
SPECTRAL PERFORMANCE
0
Frequency (MHz)
2.5
5.0
7.5
10.0
12.5
0
–20
–40
–60
–80
–100
–120
f
IN = 10MHz
2.0
1.0
0
–1.0
–2.0
DIFFERENTIAL LINEARITY ERROR
Code
0
1024
2048
3072
4096
f
IN = 500kHz
0
1024
2048
3072
4096
2.0
1.0
0
–1.0
–2.0
DIFFERENTIAL LINEARITY ERROR
Code
f
IN = 10MHz
0
–20
–40
–60
–80
–100
–120
2-TONE INTERMODULATION
0.0
3.13
6.25
9.38
12.50
Frequency (MHz)
f
1 = 4.5MHz
f
2 = 4.4MHz
INPUT FREQUENCY vs DYNAMIC PERFORMANCE
Frequency (MHz)
80
75
70
65
60
55
50
0.1
1
10
100
SFDR
SNR


Número de pieza similar - ADS801U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS801U BURR-BROWN-ADS801U Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS801U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com