Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS822 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS822
Descripción Electrónicos  ANALOG-TO-DIGITAL CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS822 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS822 Datasheet HTML 5Page - Texas Instruments ADS822 Datasheet HTML 6Page - Texas Instruments ADS822 Datasheet HTML 7Page - Texas Instruments ADS822 Datasheet HTML 8Page - Texas Instruments ADS822 Datasheet HTML 9Page - Texas Instruments ADS822 Datasheet HTML 10Page - Texas Instruments ADS822 Datasheet HTML 11Page - Texas Instruments ADS822 Datasheet HTML 12Page - Texas Instruments ADS822 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ADS822, ADS825
9
SBAS069B
FIGURE 2. AC-Coupled Input Configuration for a 2Vp-p Full-Scale Range and a Common-Mode Voltage, VCM, at +2.5V Derived
From the Internal Top (REFT) and Bottom References (REFB).
FIGURE 3. AC-Coupling the Dual Supply Amplifier, OPA642, to the ADS822 for a 2Vp-p Full-Scale Input Range.
For applications requiring the driving amplifier to provide a
signal amplification, with a gain
≥ 5, consider using decom-
pensated voltage-feedback op amps, like the OPA686, or
current-feedback op amps like the OPA691.
DC-coupled with Level Shift
Several applications may require that the bandwidth of the
signal path include DC, in which case, the signal has to be
DC-coupled to the ADC. In order to accomplish this, the
interface circuit has to provide a DC level shift to the analog
input signal. See Figure 4 for a circuit that employs a dual op
amp, A1, to drive the input of the ADS822 and ADS825, and
level shifts the signal to be compatible with the selected input
range. With the RSEL pin tied to the supply and the INT/EXT
pin to ground, the ADS822 and ADS825 are configured for a
2Vp-p input range and use the internal references. The
complementary input (IN) may be appropriately biased using
the +2.5V common-mode voltage available at the CM pin.
One half of amplifier A1 buffers the REFB pin and drives the
voltage dividers R1, R2. Due to the op amp’s noise gain of
+2V/V, assuming RF = RIN , the common-mode voltage (VCM)
has to be re-scaled to +1.25V. This results in the correct DC
level of +2.5V for the signal input (IN). Any DC voltage
differences between the IN and IN inputs of the ADS822 and
ADS825 effectively produces an offset, which can be cor-
rected for by adjusting the resistor values of the divider, R1
and R2. The selection criteria for a suitable op amp should
include the supply voltage, input bias current, output voltage
swing, distortion, and noise specification. Note that in this
example, the overall signal phase is inverted. To re-establish
the original signal polarity, it is always possible to inter-
change the IN and IN connections.
+V
IN
0V
–V
IN
OPA690
V
IN
R
F
402
1.62k
R
G
402
ADS822
ADS825
R
S
50
10pF
0.1
µF
IN
IN
CM
INT/EXT
GND
REFT
+3.5V
1.62k
50
V
CM +2.5V
REFB
+1.5V
0.1
µF
0.1
µF
RSEL
+V
S
+5V
+5V
OPA642
V
IN
R
F
402
1.62k
R
G
402
ADS822
ADS825
R
S
24.9
1.62k
100pF
0.1
µF
0.1
µF
IN
IN
CM
REFB
+1.5V
INT/EXT
GND
REFT
+3.5V
RSEL
+V
S
+5V
+5V
–5V


Número de pieza similar - ADS822

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822E BURR-BROWN-ADS822E Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS822E/1K BURR-BROWN-ADS822E/1K Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Descripción similar - ADS822

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com