Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS831 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS831
Descripción Electrónicos  ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS831 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS831 Datasheet HTML 3Page - Texas Instruments ADS831 Datasheet HTML 4Page - Texas Instruments ADS831 Datasheet HTML 5Page - Texas Instruments ADS831 Datasheet HTML 6Page - Texas Instruments ADS831 Datasheet HTML 7Page - Texas Instruments ADS831 Datasheet HTML 8Page - Texas Instruments ADS831 Datasheet HTML 9Page - Texas Instruments ADS831 Datasheet HTML 10Page - Texas Instruments ADS831 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ADS831
7
SBAS087A
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS831 is a high-speed CMOS A/D converter which
employs a pipelined converter architecture consisting of 6
internal stages. Each stage feeds its data into the digital error
correction logic ensuring excellent differential linearity and
no missing codes at the 8-bit level. The output data becomes
valid on the rising clock edge (see Timing Diagram). The
pipeline architecture results in a data latency of 4 clock
cycles.
The analog input of the ADS831 is a differential track and
hold, as shown in Figure 1. The differential topology along
with tightly matched capacitors produce a high level of ac
performance while sampling at very high rates.
The ADS831 allows its analog inputs to be driven either
single-ended or differentially. The typical configuration for
the ADS831 is for the single-ended mode in which the input
track and hold performs a single-ended to differential con-
version of the analog input signal.
Both inputs (IN, IN) require external biasing using a com-
mon-mode voltage that is typically at the mid-supply level
(+VS/2).
The following application discussion focuses on the single-
ended configuration. Typically, its implementation is easier
to achieve and the rated specifications for the ADS831 are
characterized using the single-ended mode of operation.
DRIVING THE ANALOG INPUT
The ADS831 achieves excellent ac performance either in the
single-ended or differential mode of operation. The selection
for the optimum interface configuration will depend on the
individual application requirements and system structure.
For example, communication applications often process a
band of frequencies that does not include DC, whereas in
imaging applications, the previously restored DC level must
be maintained correctly up to the A/D converter. Features on
the ADS831, such as the input range select (RSEL pin) or
the option for an external reference, provide the needed
flexibility to accommodate a wide range of applications. In
any case, the ADS831 should be configured such that the
application objectives are met while observing the headroom
requirements of the driving amplifier in order to yield the
best overall performance.
INPUT CONFIGURATIONS
AC-Coupled, Single-Supply Interface
Figure 2 shows the typical circuit for an ac-coupled analog
input configuration of the ADS831 where all components
are powered from a single +5V supply.
With the RSEL pin connected HIGH, the full scale input
range is set to 2Vp-p. In this configuration, the top and
bottom references (REFT, REFB) provide an output voltage
of +3.0V and +2.0V, respectively. Two resistors ( 2 x 1k
Ω)
are used to create a common-mode voltage (VCM) of ap-
proximately +2.5V to bias the inputs of the driving ampli-
fier. Using the OPA681 on a single +5V supply, its ideal
common-mode point is +2.5V. This coincides with the
recommended common-mode input level for the ADS831
thus, obviating the need for a coupling capacitor between the
amplifier and the converter. Even though the OPA681 has an
ac gain of +2, the dc gain is only +1 due to the blocking
capacitor at resistor RG.
The addition of a small series resistor (RS) between the
output of the op amp and the input of the ADS831 will be
beneficial in almost all interface configurations. This will
de-couple the op amp’s output from the capacitive load and
avoid gain peaking, which can result in increased noise. For
best spurious and distortion performance, the resistor value
should be kept below 75
Ω. The series resistor in combina-
tion with the 47pF capacitor establishes a passive low-pass
filter limiting the bandwidth for the wideband noise thus
help improving the SNR performance.
AC-Coupled, Dual Supply Interface
The circuit provided in Figure 3 shows typical connections
for the analog input in case the selected amplifier operates
on dual supplies. This might be necessary to take full
advantage of very low distortion operational amplifiers, like
the OPA642. The advantage is that the driving amplifier can
be operated with a ground referenced bipolar signal swing.
This will keep the distortion performance at its lowest since
the signal range stays within the linear region of the op amp
and sufficient headroom to the supply rails can be main-
tained. By capacitively coupling the single-ended signal to
the input of the ADS831, its common-mode requirements
can easily be satisfied with two resistors connected between
the top and bottom reference.
FIGURE 1. Simplified Circuit of Input Track and Hold with
Timing Diagram.
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-overlapping Clock


Número de pieza similar - ADS831

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317I TI-ADS8317I Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317I3 TI-ADS8317I3 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS831

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com