Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7818 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza ADS7818
Descripción Electrónicos  ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7818 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7818_13 Datasheet HTML 1Page - Texas Instruments ADS7818_13 Datasheet HTML 2Page - Texas Instruments ADS7818_13 Datasheet HTML 3Page - Texas Instruments ADS7818_13 Datasheet HTML 4Page - Texas Instruments ADS7818_13 Datasheet HTML 5Page - Texas Instruments ADS7818_13 Datasheet HTML 6Page - Texas Instruments ADS7818_13 Datasheet HTML 7Page - Texas Instruments ADS7818_13 Datasheet HTML 8Page - Texas Instruments ADS7818_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
®
ADS7818
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
POWER SUPPLY REJECTION
vs POWER SUPPLY RIPPLE FREQUENCY
1
10
100
1k
10k
100k
1M
Power Supply Ripple Frequency (Hz)
30
25
20
15
10
5
0
0
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 10.9kHz, –0.2dB)
0
250
62.5
187.5
125
Frequency (kHz)
–120
–100
–80
–60
–40
–20
0
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 102kHz, –0.2dB)
–100
–80
–60
–40
–20
0
250
62.5
187.5
125
Frequency (kHz)
–120
CHANGE IN FULL-SCALE ERROR
vs EXTERNAL REFERENCE VOLTAGE
2.3
2.0
2.5
2.1
2.2
2.4
External Reference Voltage (V)
–1.2
0.2
–0.4
–0.6
–0.8
–1.0
–0.2
0.0
CHANGE IN OFFSET
vs EXTERNAL REFERENCE VOLTAGE
2.5
1.9
3.1
2.1
2.3
2.7
2.9
External Reference Voltage (V)
–0.4
0.5
0.0
–0.1
–0.2
–0.3
0.1
0.2
0.3
0.4
PEAK-TO-PEAK NOISE
vs EXTERNAL REFERENCE VOLTAGE
2.3
2.0
2.5
2.1
2.2
2.4
External Reference Voltage (LSB)
0.40
0.70
0.65
0.60
0.55
0.50
0.45


Número de pieza similar - ADS7818_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7818E BURR-BROWN-ADS7818E Datasheet
151Kb / 13P
   2SC5161
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818E250 TI-ADS7818E250 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818E250 TI-ADS7818E250 Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818E250 TI-ADS7818E250 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - ADS7818_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com