Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7815UG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7815UG4
Descripción Electrónicos  ANALOG-to-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7815UG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7815UG4 Datasheet HTML 1Page - Texas Instruments ADS7815UG4 Datasheet HTML 2Page - Texas Instruments ADS7815UG4 Datasheet HTML 3Page - Texas Instruments ADS7815UG4 Datasheet HTML 4Page - Texas Instruments ADS7815UG4 Datasheet HTML 5Page - Texas Instruments ADS7815UG4 Datasheet HTML 6Page - Texas Instruments ADS7815UG4 Datasheet HTML 7Page - Texas Instruments ADS7815UG4 Datasheet HTML 8Page - Texas Instruments ADS7815UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADS7815
3
SBAS065B
www.ti.com
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
±2.5V
V
Impedance
100
M
Capacitance
30
pF
THROUGHPUT SPEED
Conversion Cycle
Acquire and Convert
4.0
µs
Throughput Rate
250
kHz
DC ACCURACY
Integral Linearity Error
±4
LSB(1)
No Missing Codes
15
Bits
Transition Noise(2)
0.8
LSB
Full Scale Error(3)
±0.1
%
Full Scale Error Drift
±7
ppm/
°C
Bipolar Zero Error
±2mV
Bipolar Zero Error Drift
±2
ppm/
°C
Power Supply Sensitivity
+VS ±5%, –VS ±5%
±6LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 100kHz
96
100
dB(4)
Total Harmonic Distortion
fIN = 100kHz
–98
–94
dB
Signal-to-(Noise+Distortion)
fIN = 100kHz
82
dB
–60dB Input
28
dB
Signal-to-Noise
fIN = 100kHz
82
dB
Usable Bandwidth(5)
1MHz
Aperture Delay
40
ns
REFERENCE
Internal Reference Voltage
2.45
2.5
2.55
V
Internal Reference Source Current
1
µA
External Reference Voltage Range
2.3
2.5
2.7
V
External Reference Current Drain
VREF = +2.5V
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
+2.8
+VS +0.3V
V
IIL
±10
µA
IIH
±10
µA
DIGITAL OUTPUTS
Data Format
Data Coding
VOL
ISINK = 1.6mA
+0.4
V
VOH
ISOURCE = 200µA+4
V
Leakage Current
High-Z State,
±5
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
pF
DIGITAL TIMING
Bus Access Time
83
ns
Bus Relinquish Time
83
ns
POWER SUPPLIES
+VS
+4.75
+5
+5.25
V
–VS
–5.25
–5
–4.75
V
+IS
+30
mA
–IS
–10
mA
Power Dissipation
200
250
mW
TEMPERATURE RANGE
Specified Performance
–25
+85
°C
Storage
–55
+125
°C
NOTES: (1) LSB means Least Significant Bit. For the 16-bit,
±2.5V input ADS7815, one LSB is 76µV.
(2) Typical rms noise at worst case transitions and temperatures.
(3) Full scale error is the worst case of –Full Scale or +Full Scale untrimmed deviation from ideal first and last code transitions, divided by the
transition voltage (not divided by the full-scale range) and includes the effect of offset error.
(4) All specifications in dB are referred to a full-scale
±2.5V input.
(5) Full-Power Bandwidth defined as Full-Scale input frequency at which Signal-to-(Noise+Distortion) degrades to 60dB, or 10 bits of accuracy.
ELECTRICAL CHARACTERISTICS
At TA = –25°C to +85°C, fS = 250kHz, +VS = +5V, and –VS = –5V, using internal reference, unless otherwise specified.
ADS7815U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Parallel 16 bits
Binary Two’s Complement


Número de pieza similar - ADS7815UG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7815U BURR-BROWN-ADS7815U Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Descripción similar - ADS7815UG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com